Electronic Components Datasheet Search
  English  ▼

X  

U222007R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U222007R
Description  7-Port USB 2.0 Hi-Speed Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U222007R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U222007R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U222007R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7-Port USB 2.0 Hi-Speed Hub
MODEL NUMBER: U222-007-R
Description
Tripp Lite's ultra small 7-port USB 2.0 hub is the most versatile and powerful hub on the market. It allows you to
connect up to seven USB devices to a single USB port on your computer. This unit meets or exceeds USB 2.0
Specifications for Hi-Speed data transmission rates up to 480Mbps. Perfect for both the mobile and desktop
user. While the hub will function perfectly in virtually all cases without needing external power, a compact,
multi-voltage AC adapter (110/220V ) has been provided for the rare circumstance when connecting a power
hungry device. This USB 2.0 device is backwards compatible so that it will function with both USB 2.0 and USB
1.1 devices. Over-current protection safeguards connected equipment from overvoltages. Includes stand for
upright positioning.
Features
USB2.0 7-Port Hub
Supports data transfer rates up to 480Mbps
Connect up to 7 USB devices to a single USB port on your computer
Compact design is ideal for use with a laptop/notebook computer
Does not require external power, software, or complicated set-up procedures
Plug-and-play/hot-swappable allows you to add or remove a device at any time
Per-port overcurrent protection
Bus-powered or self-powered
Supports USB 2.0 spec up to 500mA per port
On bus-power, 500mA from the USB 2.0 computer port is shared between the hub ports
The included external power supply provides 2.5A of power, to be shared between the hub ports (up to 500mA per port)
Compact, multi-voltage power supply (110/220V) provided
Compatible with all major operating systems
Specifications
Highlights
Connect up to 7 USB 2.0 devices
Hi-Speed 480Mbps data transfer
Backward compatible with USB
1.1 devices
Over-current protection
safeguards connected equipment
from overvoltages
Supports USB 2.0 spec up to
500mA per port
Includes base stand for upright
positioning
Compatible with all major
operating systems
Applications
Notebook and desktop computers
System Requirements
USB 2.0 port
Compatible with all major
operating systems
Package Includes
U222-007-R USB 2.0 7-Port Mini
Hub
Compact 110/220V AC power
adapter, with NEMA 1-15P plug
4 ft. extension cable
1 / 2


Similar Part No. - U222007R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U222004 TRIPPLITE-U222004 Datasheet
478Kb / 2P
4-Port USB 2.0 Hi-Speed Ultra-Mini Hub
U222004R TRIPPLITE-U222004R Datasheet
490Kb / 2P
4-Port USB 2.0 Hi-Speed Ultra-Mini Compact Hub with Power Adapter
More results

Similar Description - U222007R

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
4-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com