Electronic Components Datasheet Search
  English  ▼

X  

U222007R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U222007R
Description  7-Port USB 2.0 Hi-Speed Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U222007R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U222007R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U222007R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OVERVIEW
AC Adapter
Input: 100-240VAC, 50/60Hz, 0.5A 30VA Output per port: +5V, 500mA
Cable Type
USB
OUTPUT
USB Charging
No
PHYSICAL
Unit Dimensions (hwd / in.)
3.4 x 0.9 x 2.7
Unit Dimensions (hwd / cm)
8.636 x 2.29 x 6.86
Color
Black; White
ENVIRONMENTAL
Operating Temperature Range
50 to 104 F
Operating Humidity Range
90% R.H.
CONNECTIONS
Connector A
USB A (MALE)
Connector B
USB A (FEMALE) (X7)
Number of Connectors
8
Ports
7
SPECIAL FEATURES
Chromebook Compatible
Yes
CERTIFICATIONS
Approvals
CE, FCC and RoHS
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com