Electronic Components Datasheet Search
  English  ▼

X  

SD200R Datasheet(PDF) 6 Page - International Rectifier

Part # SD200R
Description  STANDARD RECOVERY DIODES Stud Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD200R Datasheet(HTML) 6 Page - International Rectifier

  SD200R Datasheet HTML 1Page - International Rectifier SD200R Datasheet HTML 2Page - International Rectifier SD200R Datasheet HTML 3Page - International Rectifier SD200R Datasheet HTML 4Page - International Rectifier SD200R Datasheet HTML 5Page - International Rectifier SD200R Datasheet HTML 6Page - International Rectifier SD200R Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD200N/R Series
Fig. 3 - Forward Power Loss Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 1 - Current Ratings Characteristics
90
100
110
120
130
140
150
160
170
180
0
50
100
150
200
250
300
350
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
SD200N/ RSeries
R
(DC) = 0.23 K/ W
thJC
100
110
120
130
140
150
160
170
180
0
40
80
120
160
200
240
30°
60° 90° 120°
180°
Average Forward Current (A)
Conduction Angle
SD200N/RSeries
R
(DC) = 0.23 K/ W
thJC
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.3
K/W
0.4
K/ W
0.2
K/
W
1.4 K/W
1.8 K/ W
0.6
K/ W
0.8
K/ W
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD200N/ RSeries
T = 180°C
J
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.3
K/W
0.4
K/
W
1.4 K/
W
1.8 K/W
0.6
K/ W
0.8
K/ W
0
50
100
150
200
250
300
0
50
100
150
200
250
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average Forward Current (A)
SD200N/ RSeries
T = 180°C
J
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com