Electronic Components Datasheet Search
  English  ▼

X  

SD200R Datasheet(PDF) 7 Page - International Rectifier

Part # SD200R
Description  STANDARD RECOVERY DIODES Stud Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD200R Datasheet(HTML) 7 Page - International Rectifier

  SD200R Datasheet HTML 1Page - International Rectifier SD200R Datasheet HTML 2Page - International Rectifier SD200R Datasheet HTML 3Page - International Rectifier SD200R Datasheet HTML 4Page - International Rectifier SD200R Datasheet HTML 5Page - International Rectifier SD200R Datasheet HTML 6Page - International Rectifier SD200R Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SD200N/R Series
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
100
1000
10000
0.5
1
1.5
2
2.5
3
3.5
T = 25°C
J
Instantaneous Forward Voltage (V)
SD200N/ RSeries
T = 180°C
J
1000
1500
2000
2500
3000
3500
4000
4500
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 180°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
SD200N/RSeries
At Any Rated Loa d Cond ition And With
Rated V
Applied Following Surge.
RRM
1000
1500
2000
2500
3000
3500
4000
4500
5000
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 180°C
No Voltage Reapp lied
Rated V
Reapplied
RRM
VersusPulse Train Duration.
Maximum Non Repetitive Surge Current
J
SD200N/ RSeries
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.23 K/ W
(DC Operation)
thJC
SD200N/ RSeries
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com