Electronic Components Datasheet Search
  English  ▼

X  

AN1059 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1059
Description  DESIGN EQUATIONS OF HIGH-POWER-FACTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1059 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1059 Datasheet HTML 10Page - STMicroelectronics AN1059 Datasheet HTML 11Page - STMicroelectronics AN1059 Datasheet HTML 12Page - STMicroelectronics AN1059 Datasheet HTML 13Page - STMicroelectronics AN1059 Datasheet HTML 14Page - STMicroelectronics AN1059 Datasheet HTML 15Page - STMicroelectronics AN1059 Datasheet HTML 16Page - STMicroelectronics AN1059 Datasheet HTML 17Page - STMicroelectronics AN1059 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
The pole is placed at a very low frequency so that the gain at twice line frequency is quite less than
unity, while the zero boosts the phase in the neighbourhood of the open-loop crossover frequency so as
to provide phase margin.
A variation
∆VCOMP, due to a line and/or load change, modifies the amplitude Vcx of the rectified sinusoid
at the output of the multiplier. This considering, the transfer function of the multiplier block will be:
G2
=
∆Vcx
∆VCOMP
= KM ⋅ KP ⋅ VPK
where KM is the gain of the multiplier (= 0.75 max.).
The gain of the PWM modulator, which includes the current loop, is simply:
G3
=
∆IPKp
∆Vcx
=
1
Rs
where Rs is the sense resistor.
Small-Signal analysis shows that the gain G4(s) of the power stage is:
G4
(s) =
∆Vout
∆IPKp
=
n
⋅ Kv ⋅ F2(Kv)
Γ(Kv) + 1
⋅
Ro
2
⋅
1
+ s ⋅ (Co ⋅ ESR)
1
+ s ⋅ (Co ⋅
Ro
Γ(Kv) + 1
)
,
where the function
Γ(x) is defined as follows:
Γ(x) = 1 +
x
F2
(x)
⋅
dF2
(x)
dx
≈
1
+ 0.01 ⋅ x
1
+ 0.8 ⋅ x
.
The feedback network can have different configurations, depending on the requirements on the toler-
ance and on the regulation of the output voltage.
In this context a popular configuration (see fig. 15) will be taken into consideration. It uses an optocou-
pler for galvanic isolation between primary and secondary and a TL431, a cheap voltage reference/op-
amp housed in a three pin package.
The gain, H(s), at twice line frequency must be low. In fact, being the output voltage ripple quite high, a
high gain could saturate the dynamics of the TL431 and/or of the optocoupler, besides complicating
things in getting a narrow overall bandwidth.
Referring to fig. 15, it is possible to write:
H
(s) =
∆VE
∆Vout
=
1
R4
⋅
R5
⋅ R6
R5
+ R6
⋅ CTR ⋅
1
+ s ⋅ C1 ⋅ (R1 + R3)
s
⋅ (C1 ⋅ R1)
,
where CTR is the Current Transfer Ratio of the optocoupler.
When designing the control loop, first select the operating current of optocoupler’s transistor (IC). It is ad-
vantageous to selects a low IC value (e.g. 1 mA): this will not only extend the lifetime of the device but, in
the present case, will also help keep low the gain of the feedback network at twice line frequency.
Since in closed-loop operation the quiescent value of VE will be in the neighbourhood of 2.5V (internal
reference of the L6561 E/A), R5 will be:
R5
=
2.5
IC
.
R4 will be selected so as to maintain VK voltage above 2.5V for a correct functionality of the TL431 even
in the worst case, that is when the optocoupler exhibits its minimum CTR, because of the statistical
spread of this parameter.
AN1059 APPLICATION NOTE
14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com