Electronic Components Datasheet Search
  English  ▼

X  

AN1517 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1517
Description  Designing with the STEVAL-ISA089V1 high efficiency DC-DC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1517 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1517 Datasheet HTML 10Page - STMicroelectronics AN1517 Datasheet HTML 11Page - STMicroelectronics AN1517 Datasheet HTML 12Page - STMicroelectronics AN1517 Datasheet HTML 13Page - STMicroelectronics AN1517 Datasheet HTML 14Page - STMicroelectronics AN1517 Datasheet HTML 15Page - STMicroelectronics AN1517 Datasheet HTML 16Page - STMicroelectronics AN1517 Datasheet HTML 17Page - STMicroelectronics AN1517 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Closing the loop
AN1517
14/30
DocID8827 Rev 3
Equation 13
Where K is equal to 0.076. Therefore the PWM gain is also equal to:
Equation 14
This means that even if the input voltage changes, the error amplifier does not change its
value to keep the loop in regulation, thus ensuring a better line regulation and line transient
response.
To sum up, the open loop gain can be written as:
Equation 15
Example 1
Considering RC = 2.7 k, CC = 22 nF and CP = 220 pF, the poles and zeroes of A0 are:
FP1 = 9 Hz
FP2 = 256 kHz
FZ1 = 2.68 kHz
If L = 22 µH, COUT = 100 µF and ESR = 80 m, the poles and zeroes of ALC become:
FPLC = 3.39 kHz
F0 = 19.89 kHz
Finally R1 = 5.6 k and R2 = 3.3 k.
The gain and phase bode diagrams are plotted respectively in Figure 11 and Figure 12.
Figure 11. Module plot
VOSCMAX VOSCMIN
–
KVCC
=
GPWM s

1
K
----
const
==
Gs

GPWM s

R2
R1 R2
+
--------------------
AO s

ALC
s

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com