Electronic Components Datasheet Search
  English  ▼

X  

AN1517 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN1517
Description  Designing with the STEVAL-ISA089V1 high efficiency DC-DC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1517 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN1517 Datasheet HTML 21Page - STMicroelectronics AN1517 Datasheet HTML 22Page - STMicroelectronics AN1517 Datasheet HTML 23Page - STMicroelectronics AN1517 Datasheet HTML 24Page - STMicroelectronics AN1517 Datasheet HTML 25Page - STMicroelectronics AN1517 Datasheet HTML 26Page - STMicroelectronics AN1517 Datasheet HTML 27Page - STMicroelectronics AN1517 Datasheet HTML 28Page - STMicroelectronics AN1517 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
DocID8827 Rev 3
25/30
AN1517
Application ideas
30
6
Application ideas
Positive buck-boost regulator
The device can be used to implement an step-up/down converter with a positive output
voltage. Figure 24 shows the schematic diagram of this topology for an output voltage of
12 V.
The input voltage can range from 5 V and 35 V. The output voltage is given by
VO = VIN · D / (1 - D), where D is the duty cycle. The maximum output current is given by
IOUT = 1 × (1 - D). The current capability is reduced by the term (1 - D) and so, for example,
with a duty cycle of 0.5, the maximum output current deliverable to the load is 0.75 A. This is
due to the fact that the current flowing through the internal power switch is delivered to the
output only during the OFF phase.
Figure 24. Positive buck-boost regulator
7
Buck-boost regulator
In Figure 25, the schematic circuit for a standard buck-boost topology is shown. The output
voltage is given by VO = -VIN · D / (1 - D). The maximum output current is equal to
IOUT = 1 × (1 - D), for the same reason as that of the up-down converter. An important thing
to take in account is that the ground pin of the device is connected to the negative output
voltage. Therefore, the device is subjected to a voltage equal to VIN - VO, which has to be
lower than 36 V (the maximum operating input voltage).
Figure 25. Buck-boost regulator
VIN=5V
C1
10uF
10V
Ceramic
D1
STPS2L25U
Vcc
COMP
GND
OUT
FB
L5972D
1
3
7
5
6
4
8
2
R3
4.7k
L1
33uH
24k
2.7k
C3
22nF
C4
100uF
16V
VOUT=12V/0.45A
C2
220pF
D2
STPS2L25U
M1
STN4NE03L
AM00136v1
L5972D
VIN=5V
C1
10uF
10V
Ceramic
D1
STPS2L25U
Vcc
COMP
GND
OUT
FB
L5972D
1
3
7
5
6
4
8
2
R3
4.7k
L1
33uH
2.7k
24k
C4
22nF
C5
100uF
16V
VOUT=-12V/0.45A
C3
220pF
C2
10uF
25V
Ceramic
AM00135v1
L5972D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com