Electronic Components Datasheet Search
  English  ▼

X  

AN1696 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1696
Description  Load sharing is a technique commonly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1696 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1696 Datasheet HTML 2Page - STMicroelectronics AN1696 Datasheet HTML 3Page - STMicroelectronics AN1696 Datasheet HTML 4Page - STMicroelectronics AN1696 Datasheet HTML 5Page - STMicroelectronics AN1696 Datasheet HTML 6Page - STMicroelectronics AN1696 Datasheet HTML 7Page - STMicroelectronics AN1696 Datasheet HTML 8Page - STMicroelectronics AN1696 Datasheet HTML 9Page - STMicroelectronics AN1696 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AN1696 APPLICATION NOTE
6/11
Table 2. Part list board L6615
To measure the current carried by each section, it is possible to open the jumper JP1 (see schematic) and to
place a ring for inserting a current probe.
2.1 OR-ing FET and current sensing
High side current sensing is implemented by reading the voltage drop across the RDS(ON) of Q1 (during normal
operation the FET is maintained on by the charge pump); the voltage at L6615 CGA pin of the section #N is
proportional to its output current, in particular [1]:
(1)
The first parameter to consider when selecting the OR-ing FET is its RDS(ON) because, for a given output cur-
rent, it defines both the power dissipation and the drop useful for current sharing. Increasing RDS(ON) leads to
a wide sense signal available but also means higher power dissipation.
In the motherboard Q1 is a STS8DNF3LL [5] having (for each MOS):
STS8DNF3LL contains two internal MOSFETs that are paralleled leading to halve the RDS(ON).
The design must be done considering worst case conditions to avoid share bus saturation: only two sections
running and maximum value for RDS(ON). Considering also the temperature variation, we have:
RDS(ON)|@Tmax = 0.015Ω
then the maximum drop will be 75mV and (1) leads to VCGA(MAX) = VSH(MAX) of about 2.8V.
It can be useful to calculate the losses associated to the OR-ing FET and compare them with the losses in case
RESISTORS
R1, R10
6K8
R5, R8
1K
R13
82
R2
20K
R7
330K
R14
7K5
R3
2K
R9
47K
R15
100
R4
3K3
R11, R12
200
CAPACITORS
C1, C2, C4
100nF
C5
1
µF
C8, C9, C10
open
C3
4.7
µF
C6, C7
10nF
IC’s
U1
L6615D
(ST) SO8
U2
LM293
SO8
Q1
STS8DNF3LL
(ST) SO8
DIODES
D1, D2, D3
1N4148
SOT23
RDS(ON) =
0.017 (nom.)
@ ID=4A, VGS=10V, TCASE=25°C
0.020
Ω (max.)
V
CG A # N
()
I
OU T # N
() R
DS ON
()
R
14
R
12
---------
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com