Electronic Components Datasheet Search
  English  ▼

X  

AN1696 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1696
Description  Load sharing is a technique commonly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1696 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1696 Datasheet HTML 3Page - STMicroelectronics AN1696 Datasheet HTML 4Page - STMicroelectronics AN1696 Datasheet HTML 5Page - STMicroelectronics AN1696 Datasheet HTML 6Page - STMicroelectronics AN1696 Datasheet HTML 7Page - STMicroelectronics AN1696 Datasheet HTML 8Page - STMicroelectronics AN1696 Datasheet HTML 9Page - STMicroelectronics AN1696 Datasheet HTML 10Page - STMicroelectronics AN1696 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AN1696 APPLICATION NOTE
8/11
Figure 5. Adjustment network
2.3 Gate driver of OR-ing FET
The OR-ing FET gate is driven by the output of a comparator (one section of an LM293, standard double com-
parator) sensing the voltage upstream (source) and downstream (drain) the OR-ing FET (see fig. 6). This turns-
off the transistor whenever a current tries flowing from the load towards the output stage of a daughter board.
Whenever one section is enabled with the two others already running (hot plug), its output capacitor is com-
pletely discharged: to avoid a negative drop on the load voltage, the gate of the FET is kept low until VC(OUT)
reaches a value very close to VLOAD (this can be set defining the ratio between R5 and R7). The PWM starts
charging output capacitor (VC(OUT) increases) and, only when:
the FET is turned on.
Moreover the load must be isolated from a failed section; for example in case of a short circuit on the low side
power MOS of one section, then a current will tend to flow in reverse direction through the corresponding OR-
ing FET.
Figure 6. OR-ing FET management
V
OUT = +3.3V
R
A
ADJ
R
13
+
-
I
ADJ
L6615
MOTHERBOARD
DAUGTHERBOARD
L6910
V
FB
R
8
R
6
R
7
C
10
V
OUT = +3.3V
R
A
ADJ
R
13
+
-
I
ADJ
L6615
MOTHERBOARD
DAUGTHERBOARD
L6910
V
FB
R
8
R
6
R
7
C
10
V
CO UT
() ON
–
V
REF
1
R5
R7
--------
+


⋅
V
LO AD
R8
R8
R9
+
----------------------


1
R5
R7
--------
⋅


⋅⋅
==
L
O
A
D
-
+
R8
R9
C2
R7
DAUGHTERBOARD
MOTHERBOARD
R5
V
C(OUT)
V
LOAD
V
REF
V
PS+
V
GATE
V
REF
V
C(OUT)
V
PS+
V
GATE
∆V
HYST
V
PUMP
V
C(OUT)-ON
V
C(OUT)-OFF
V
LOAD
SECTIONS
ALREADY
RUNNING
R11
V
PUMP
PUMP
CHARGE
L
O
A
D
L
O
A
D
-
+
R8
R9
C2
R7
DAUGHTERBOARD
MOTHERBOARD
R5
V
C(OUT)
V
LOAD
V
REF
V
PS+
V
GATE
V
REF
V
C(OUT)
V
PS+
V
GATE
∆V
HYST
V
PUMP
V
C(OUT)-ON
V
C(OUT)-OFF
V
LOAD
SECTIONS
ALREADY
RUNNING
R11
V
PUMP
PUMP
CHARGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com