Electronic Components Datasheet Search
  English  ▼

X  

L6206 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6206
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 30Page - STMicroelectronics L6206 Datasheet HTML 31Page - STMicroelectronics L6206 Datasheet HTML 32Page - STMicroelectronics L6206 Datasheet HTML 33Page - STMicroelectronics L6206 Datasheet HTML 34Page - STMicroelectronics L6206 Datasheet HTML 35Page - STMicroelectronics L6206 Datasheet HTML 36Page - STMicroelectronics L6206 Datasheet HTML 37Page - STMicroelectronics L6206 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
AN1762 APPLICATION NOTE
34/53
Figure 36. PractiSPIN ST7 Evaluation Board
5.2 EVAL6205N
An evaluation board has been produced to help the evaluation of the device in PowerDIP package. It imple-
ments a typical application with several added components. Figure 38 shows the electrical schematic of the
board; in the table below the part list is reported.
CN1, CN2, CN3, CN4 2-poles connector
R1
100
Ω resistor
CN5
34-poles connector
R2
700
Ω 0.6W resistor
C1
220nF/100V Ceramic or Polyester capacitor R3, R4, R13
10k
Ω resistor
C2
220nF/100V Ceramic or Polyester capacitor R5, R6
4.7k
Ω resistor
C3
100µF/63V capacitor
R7, R8, R9, R10, R11, R12
1
Ω 0.4W resistor
C4
10nF/100V Ceramic capacitor
R18, R14
1k
Ω resistor
C5
10µF/16V Capacitor
R15, R19
20k
Ω resistor
C6, C7, C11
100nF Capacitor
R16, R20
2.2k
Ω resistor
C8, C10
470pF Capacitor
R21, R17
5k
Ω trimmer
C9, C12
68nF Capacitor
R22
12k
Ω resistor
C13
2.2nF Capacitor
R23
50k
Ω trimmer
D1, D2
1N4148 Diode
U1
L6205N
D3
BZX79C5V1 5.1V Zener Diode
U2
L6506
JP1
3-pin jumper
JP2, JP3, JP4, JP5
2-pin jumper
The Evaluation Board provides external connectors for the supply voltage, an external 5V reference for the logic
inputs, four outputs for the motor and a 34-pin connector to control the main functions of the board through an
external µC board or the PractiSPIN tool. The board also accommodates the L6506 PWM current controller.
R23 sets the PWM operating frequency. If the L6506 does not need to be used, simply connect the two VREF
inputs to a voltage high enough to keep current control inactive.
The PractiSPIN tool is composed of a graphic interface software running on a PC that connects with the hard-
ware based on the ST7 µC, which contains an upgradeable firmware. This tool allows a fast and easy evaluation
of the PowerSPIN family devices, giving the ability of driving DC, BLDC and Stepper motors, depending on the
target device. The PractiSPIN connected to the EVAL6205N can drive DC motors and inductive loads, allowing
output voltage and current settings
The PC-software also provides a Power Dissipation and Thermal Analysis section, intended to help a fast eval-
uation of the device, package and dissipating copper area required by the user’s application, and to be a good
starting point designing an application (from the power dissipation and thermal point of view).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com