Electronic Components Datasheet Search
  English  ▼

X  

AN1882 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 7Page - STMicroelectronics AN1882 Datasheet HTML 8Page - STMicroelectronics AN1882 Datasheet HTML 9Page - STMicroelectronics AN1882 Datasheet HTML 10Page - STMicroelectronics AN1882 Datasheet HTML 11Page - STMicroelectronics AN1882 Datasheet HTML 12Page - STMicroelectronics AN1882 Datasheet HTML 13Page - STMicroelectronics AN1882 Datasheet HTML 14Page - STMicroelectronics AN1882 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AN1882
Functional description
Doc ID 10209 Rev 4
11/30
In order to have zero DC error in the voltage regulation, the feedback voltage loop is
implemented with an integrator stage; the transfer function of the signal stage is shown in
the
Equation 2.
Equation 2
Where gm is the integrator transconductance (250 µS). The total gain loop is:
Equation 3
where AV is the current loop factor (1Ω typ.) and α is the feedback resistor divider ratio
(R2/(R2+R3).
Once the gain loop is known the system will be stabilized with the compensation network as
shown in the
Section 5.1.4.
Gs
()
g
mα
A
V
-----------
sC
C
1
+
sC
C
---------------------
⋅
=
G
LOOP s
()
R
Ogmα 1sESRCO
+
() sC
CRC
1
+
()
A
VsCC 1sCO ESR
R
O
+
()
+
()
----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com