Electronic Components Datasheet Search
  English  ▼

X  

AN1882 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 12Page - STMicroelectronics AN1882 Datasheet HTML 13Page - STMicroelectronics AN1882 Datasheet HTML 14Page - STMicroelectronics AN1882 Datasheet HTML 15Page - STMicroelectronics AN1882 Datasheet HTML 16Page - STMicroelectronics AN1882 Datasheet HTML 17Page - STMicroelectronics AN1882 Datasheet HTML 18Page - STMicroelectronics AN1882 Datasheet HTML 19Page - STMicroelectronics AN1882 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Application information
AN1882
16/30
Doc ID 10209 Rev 4
5
Application information
5.1
External components selection
5.1.1
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current. Since step-down converters draw current from the input in
pulses, the input current is squared and the height of each pulse is equal to the output
current, neglecting the ripple across the inductor.
The RMS input current (flowing through the input capacitor) is:
Equation 10
Where
η is the expected system efficiency, D is the duty cycle and Io the output DC current.
Supposing
η =1 this function reaches its maximum value at D=0.5 and the equivalent RMS
current is equal to Io/2.
The maximum and minimum duty cycles are:
Equation 11
Equation 12
Depending on the output voltage value the worst case can be with the maximum or
minimum input battery voltage. Usually the best choice for the input capacitor is the MLCC
(multilayer ceramic capacitor) thanks to its very small size and very low ESR.
Table 4
provides a list of some MLCC manufacturers.
5.1.2
Output capacitor
The output capacitor is very important to satisfy the output voltage ripple requirement. Very
small inductors values reduce size and cost of the application but increase the current
ripple. This ripple, multiplied by the ESR of the output capacitor, is the output voltage ripple.
Tantalum and ceramic capacitors are usually good for this purpose. Ceramic capacitors
have the lowest ESR for a given size, so for very compact applications they are the best
choice. POSCAP capacitors from Sanyo are also a good choice for the output filter. Below is
a list of some capacitor manufacturers.
Table 4.
Recommended input capacitors
Manufacturer
Series
Cap value (µF)
Rated voltage (V)
ESR@600 kHz (m.)
Panasonic
ECJ
10 to 22
6.3
10
TAIYO YUDEN
JMK
10 to 22
6.3
10
I
RMS
I
O
D
2D
2
⋅
η
---------------
–
D
2
η
2
-------
+
⋅
=
D
MAX
V
O
V
INMIN
------------------
=
D
MIN
V
O
V
INMAX
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com