Electronic Components Datasheet Search
  English  ▼

X  

AN1894 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1894
Description  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics AN1894 Datasheet HTML 10Page - STMicroelectronics AN1894 Datasheet HTML 11Page - STMicroelectronics AN1894 Datasheet HTML 12Page - STMicroelectronics AN1894 Datasheet HTML 13Page - STMicroelectronics AN1894 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
AN1894 - APPLICATION NOTE
Figure 23: Output Regulation Characteristics (Parameter is Vin)
Using the same measured values, Figure 23 can be redrawn using a different parameter. Figure 24
shows the variation of the output voltage with input DC voltage change. The output current is the
parameter in this case.
Figure 24: Output Regulation Characteristics (Parameter is Iout)
14
15
16
17
0
0.02
0.04
0.06
0.08
0.1
Output Current [A]
125VDC
150VDC
200VDC
250VDC
300VDC
350VDC
375VDC
14
15
16
17
125
175
225
275
325
375
Input Voltage [V]
100mA
75mA
50mA
25mA
10mA
5mA
2.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com