Electronic Components Datasheet Search
  English  ▼

X  

AN1894 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1894
Description  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics AN1894 Datasheet HTML 10Page - STMicroelectronics AN1894 Datasheet HTML 11Page - STMicroelectronics AN1894 Datasheet HTML 12Page - STMicroelectronics AN1894 Datasheet HTML 13Page - STMicroelectronics AN1894 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
AN1894 - APPLICATION NOTE
Figure 25 depicts the dependency of the efficiency on the input voltage (parameter is output current)
while Figure 26 shows the dependency on the output current (parameter is input voltage).
Figure 25: Efficiency variation with input voltage (Parameter is Iout)
Figure 26: Efficiency variation with output current (Parameter is Vin)
35
40
45
50
55
60
65
70
75
80
125
175
225
275
325
375
I nput Vol tage [V]
100mA
75mA
50mA
25mA
10mA
5mA
40
45
50
55
60
65
70
75
80
0
0. 02
0.04
0.06
0.08
0.1
Output Current [A]
125VDC
150VDC
200VDC
250VDC
300VDC
350VDC
375VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com