Electronic Components Datasheet Search
  English  ▼

X  

AN2115 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 11Page - STMicroelectronics AN2115 Datasheet HTML 12Page - STMicroelectronics AN2115 Datasheet HTML 13Page - STMicroelectronics AN2115 Datasheet HTML 14Page - STMicroelectronics AN2115 Datasheet HTML 15Page - STMicroelectronics AN2115 Datasheet HTML 16Page - STMicroelectronics AN2115 Datasheet HTML 17Page - STMicroelectronics AN2115 Datasheet HTML 18Page - STMicroelectronics AN2115 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AN2115
Operation description
Doc ID 11165 Rev 5
15/33
So the higher the output current, the higher the negative slope during OFF time. In this way
the inductor current will find a stable find value, which can be derived using the equation
below:
Equation 6
where TMIN is the minimum ON time, FSW is the switching frequency, RN and RP are the ON
resistances of the N-channel and P-channel MOSFETs respectively, RL is the inductor
series resistance and RO is the equivalent output resistance. As can be observed, under
these extreme conditions the maximum current value depends on both the application
conditions (such as Vin and FSW) as well as the inductor parasitic resistor RL and the
MOSFETs’ RDS(on), RN and RP.
The maximum current value does not depend on the peak current limit at all. In order to limit
the output current to a safe value even in extreme short circuit conditions, a current limit has
also been introduced on the N-channel MOSFET, which operates as a valley current limit.
Figure 11 shows its operation. The P-channel MOSFET does not turn on until the inductor
current exceeds the valley current limit. This implies that the device skips some cycles
depending on the overcurrent conditions, reducing the equivalent switching frequency in
order to limit the output current. With this approach, the maximum peak current is definitively
limited to:
Equation 7
Figure 12.
Valley current limit intervention
I
LIM
V
in
T
MIN
F
SW
•
()
•
R
N
R
L
+
()
1T
MIN
F
SW
•
–
()
R
P
R
L
+
()
T
MIN
F
SW
•
()
•
+
•
[]
-----------------------------------------------------------------------------------------------------------------------------------------------------------
=
I
LIM
I
VALLEY
V
inTMIN
L
---------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com