Electronic Components Datasheet Search
  English  ▼

X  

AN2300 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2300
Description  An alternative solution to Capacitive power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2300 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2300 Datasheet HTML 10Page - STMicroelectronics AN2300 Datasheet HTML 11Page - STMicroelectronics AN2300 Datasheet HTML 12Page - STMicroelectronics AN2300 Datasheet HTML 13Page - STMicroelectronics AN2300 Datasheet HTML 14Page - STMicroelectronics AN2300 Datasheet HTML 15Page - STMicroelectronics AN2300 Datasheet HTML 16Page - STMicroelectronics AN2300 Datasheet HTML 17Page - STMicroelectronics AN2300 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Modified Buck converter
AN2300
14/21
Rev1
The line regulation of the two Buck converters is shown in Figure 20., Figure 21., the load
regulation in Figure 22., Figure 23., Figure 24. and Figure 25. the efficiency in Figure 26.
Table 6.
Schematics A and B part list modification
Reference
Value
Part type
R1
100
Ω 2W
(schematic A)
56
Ω 2W
(schematic B)
Resistor (bleeder)
C6
47
µF, 25V
Electrolytic capacitor
C7
47
µF, 25V
Electrolytic capacitor
Dz1
12V (schematic B)
Zener diode
R2
0
Ω (schematic B)
L820
µH
Radial inductor
Figure 20. Line regulation @full load (Buck
converter, schematic A)
Figure 21. Line regulation @full load (Buck
converter, schematic B)
Figure 22. Out1 load regulation @ Iout2 = 0
(Buck converter, schematic A)
Figure 23. Out2 load regulation @ Iout1 =
20mA (Buck converter, schematic A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com