Electronic Components Datasheet Search
  English  ▼

X  

AN2300 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2300
Description  An alternative solution to Capacitive power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2300 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2300 Datasheet HTML 1Page - STMicroelectronics AN2300 Datasheet HTML 2Page - STMicroelectronics AN2300 Datasheet HTML 3Page - STMicroelectronics AN2300 Datasheet HTML 4Page - STMicroelectronics AN2300 Datasheet HTML 5Page - STMicroelectronics AN2300 Datasheet HTML 6Page - STMicroelectronics AN2300 Datasheet HTML 7Page - STMicroelectronics AN2300 Datasheet HTML 8Page - STMicroelectronics AN2300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AN2300
Figures
Rev1
3/21
Figures
Figure 1.
Capacitive converter schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
Buck converter modified schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Buck basic operation during the switch TON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Buck basic operation during the switch TOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Modified Buck current flow at Iout2 = 0. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
Modified Buck current flow at Iout2¼0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 7.
Buck converter with VIPer12A, schematic A (Vout1 referred to GND) . . . . . . . . . . . . . . . . . 8
Figure 8.
Buck with VIPer12A, schematic B (Vout1 referred to -5V) . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 9.
PCB layout based on schematic B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 10.
Buck waveforms (schematic A) @230VAC, full load; Ch1=VS, Ch2=Vout2, Ch3=Vout1,
Ch4=IL
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 11.
Buck waveforms (schematic B) @230VAC, full load; Ch1=VS, Ch2=Vout2, Ch3-Ch2=Vout1,
Ch4=IL
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 12.
Capacitive converter line regulation, at full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 13.
Buck converter line regulation (schematic A), at full load . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 14.
Buck converter line regulation (schematic B), at full load . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 15.
Efficiency vs Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 16.
Capacitive converter: conducted emission @ 230VAC, full load: Phase . . . . . . . . . . . . . . 12
Figure 17.
Capacitive converter: conducted emission @ 230VAC, full load: Neutral . . . . . . . . . . . . . 12
Figure 18.
Buck converter: conducted emission @ 230VAC, full load: Phase . . . . . . . . . . . . . . . . . . 13
Figure 19.
Buck converter: conducted emission @ 230VAC, full load: Neutral . . . . . . . . . . . . . . . . . . 13
Figure 20.
Line regulation @full load (Buck converter, schematic A) . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 21.
Line regulation @full load (Buck converter, schematic B) . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 22.
Out1 load regulation @ Iout2 = 0 (Buck converter, schematic A). . . . . . . . . . . . . . . . . . . . 14
Figure 23.
Out2 load regulation @ Iout1 = 20mA (Buck converter, schematic A) . . . . . . . . . . . . . . . . 14
Figure 24.
Out1 load regulation @ Iout2 = 0 (Buck converter, schematic B). . . . . . . . . . . . . . . . . . . . 15
Figure 25.
Out2 load regulation @ Iout1 = 20mA (Buck converter, schematic B) . . . . . . . . . . . . . . . . 15
Figure 26.
Efficiency vs Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 27.
Efficiency comparison between schematics A and B for IDz2 = 30mA . . . . . . . . . . . . . . . 16
Figure 28.
Schematic A modifications for 4V < Vout1 < 11V (Vout2 @ 5V) . . . . . . . . . . . . . . . . . . . . 17
Figure 29.
Schematic B modifications for 9V < Vout1 < 16V (Vout2 @ 5V) . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com