Electronic Components Datasheet Search
  English  ▼

X  

AN2331 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2331
Description  This note describes the performances
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2331 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2331 Datasheet HTML 4Page - STMicroelectronics AN2331 Datasheet HTML 5Page - STMicroelectronics AN2331 Datasheet HTML 6Page - STMicroelectronics AN2331 Datasheet HTML 7Page - STMicroelectronics AN2331 Datasheet HTML 8Page - STMicroelectronics AN2331 Datasheet HTML 9Page - STMicroelectronics AN2331 Datasheet HTML 10Page - STMicroelectronics AN2331 Datasheet HTML 11Page - STMicroelectronics AN2331 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Circuit description and test results
AN2331
8/24
2.1
Efficiency measurements
Table 1, Table 2 and Figure 3 show the overall circuit efficiency measured for different loads
at the nominal input mains range.
Table 2.
Efficiency measurements - Vin=230Vac
Thanks to the good efficiency of the PFC working in transition mode and to the high
efficiency of the resonant stage working in ZVS, the overall efficiency measured is a
significantly high number for a two stage converter with 4 amps of output current.
Figure 3.
Efficiency vs. Pout
Table 1.
Efficiency measurements - Vin=115Vac
Vout [V]
Iout [A]
Pout [W]
Pin [W]
Efficiency [%]
23.88
4.06
96.95
110.40
87.82
23.90
3.0
71.70
81.50
87.98
23.90
2.0
47.80
54.80
87.23
23.90
1.03
24.62
29.00
84.89
23.90
0.504
12.05
15.70
76.72
23.90
0.401
9.58
13.10
73.16
23.90
0.303
7.24
11.00
65.83
23.90
0.203
4.85
8.50
57.08
Vout [V]
Iout [A]
Pout [W]
Pin [W]
Efficiency [%]
23.88
4.06
96.95
107.70
90.02
23.90
3.0
71.70
81.70
87.76
23.90
2.0
47.80
54.00
88.52
23.90
1.03
24.62
28.00
87.92
23.90
0.504
12.05
15.20
79.25
23.90
0.401
9.58
12.70
75.46
23.90
0.303
7.24
10.30
70.31
23.90
0.203
4.85
7.50
64.69
Efficiency vs Pout
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
97
72
48
25
12
10
7
5
O/P Power
Eff. @115Vac
Eff. @230Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com