Electronic Components Datasheet Search
  English  ▼

X  

AN2331 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2331
Description  This note describes the performances
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2331 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2331 Datasheet HTML 10Page - STMicroelectronics AN2331 Datasheet HTML 11Page - STMicroelectronics AN2331 Datasheet HTML 12Page - STMicroelectronics AN2331 Datasheet HTML 13Page - STMicroelectronics AN2331 Datasheet HTML 14Page - STMicroelectronics AN2331 Datasheet HTML 15Page - STMicroelectronics AN2331 Datasheet HTML 16Page - STMicroelectronics AN2331 Datasheet HTML 17Page - STMicroelectronics AN2331 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Bill of material
AN2331
14/24
4
Bill of material
Table 5.
Bill of material
Rf.
Des.
Part Type/
Part Value
Description
Supplier
C1
470N-X2
X2 FILM CAPACITOR - R46-I 3470--M1-
ARCOTRONICS
C10
10N
50V CERCAP - GENERAL PURPOSE
AVX
C11
10N
50V CERCAP - GENERAL PURPOSE
AVX
C12
470N
25V CERCAP - GENERAL PURPOSE
AVX
C13
1uF
25V CERCAP - GENERAL PURPOSE
AVX
C14
100N
50V CERCAP - GENERAL PURPOSE
AVX
C15
47uF-25V
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C17
330PF
50V - 5% - C0G - CERCAP
AVX
C18
330N
25V CERCAP - GENERAL PURPOSE
AVX
C19
100N
50V CERCAP - GENERAL PURPOSE
AVX
C2
2N2
Y1 SAFETY CAP.
MURATA
C20
2N2 - Y1
DE1E3KX222M - Y1 SAFETY CAP.
MURATA
C21
2N2 - Y1
DE1E3KX222M - Y1 SAFETY CAP.
MURATA
C23
100N
50V CERCAP - GENERAL PURPOSE
AVX
C24
10uF-50V
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C25
100N
50V CERCAP - GENERAL PURPOSE
AVX
C26
10uF-50V
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C27
220PF
500V CERCAP - 5MQ221KAAAA
AVX
C28
22N
630V - PHE450MA5220JR05
EVOX-RIFA
C29
470uF-35V YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C3
2N2
Y1 SAFETY CAP.
MURATA
C30
470uF-35V YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C31
100uF-35V YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C32
100N
50V CERCAP - GENERAL PURPOSE
AVX
C34
220N
50V CERCAP - GENERAL PURPOSE
AVX
C36
1uF-50V
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C39
100N
50V CERCAP - GENERAL PURPOSE
AVX
C4
470N-X2
X2 FILM CAPACITOR - R46-I 3470--M1-
ARCOTRONICS
C40
100N
50V CERCAP - GENERAL PURPOSE
AVX
C5
470N-400V
PHE426KD6470JR06L2 - POLYPROP. FILM CAP
EVOX-RIFA
C7
15N - 100V
100V CERCAP - GENERAL PURPOSE
AVX
C8
10uF-50V
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com