Electronic Components Datasheet Search
  English  ▼

X  

UPD17933 Datasheet(PDF) 13 Page - NEC

Part # UPD17933
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17933 Datasheet(HTML) 13 Page - NEC

Back Button UPD17933 Datasheet HTML 9Page - NEC UPD17933 Datasheet HTML 10Page - NEC UPD17933 Datasheet HTML 11Page - NEC UPD17933 Datasheet HTML 12Page - NEC UPD17933 Datasheet HTML 13Page - NEC UPD17933 Datasheet HTML 14Page - NEC UPD17933 Datasheet HTML 15Page - NEC UPD17933 Datasheet HTML 16Page - NEC UPD17933 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 252 page
background image
13
µPD17933, 17934
Pin No.
Symbol
Function
Output Form
40
COM0
These pins output the common signals of the LCD controller/driver.
CMOS
|
|
At reset
On clock stop
3-state
43
COM3
Reset by RESET pin
WDT&SP reset
Output low level
Output low level
Output low level
44
LCD0
These pins are the segment signal output pins of the LCD controller/driver.
CMOS
|
|
push-pull
60
LCD16
61
P2A0/LCD17
Port 2A input port, the segment signal output pins of the LCD controller/driver.
–
|
P2A1/LCD18
• P2A0 through P2A2
63
P2A2/LCD19
3-bit input port
• LCD17 through LCD19
LCD segment output
At reset
On clock stop
Reset by RESET pin
WDT&SP reset
Input (P2A2-P2A0)
Input (P2A2-P2A0)
Retained
64
P0C0
4-bit output
CMOS
|
|
At reset
On clock stop
push-pull
67
P0C3
Reset by RESET pin
WDT&SP reset
Output low level
Output low level
Retained
68
INT
Edge-detected vector interrupt input.
–
Rising or falling edge is selectable.
69
XOUT
Crystal resonator connection pin.
–
70
XIN
71
P2C0
These pins form a 4-bit I/O port which can be set in the input or output mode
CMOS
|
|
in 1-bit units.
push-pull
74
P2C3
At reset
On clock stop
Reset by RESET pin
WDT&SP reset
Input
Input
Retained
75
P0D0
Port 0D input port, A/D converter input pins and to release the HALT
–
|
P0D1/AD0
and STOP modes.
78
P0D2/AD1
• P0D0 through P0D3
P0D3/AD2
4-bit input port
• AD0 through AD2
Analog input of A/D converter
• HALT and STOP mode releasing
Releases HALT or STOP mode when a high level is input.
At reset
On clock stop
Reset by RESET pin
WDT&SP reset
Input with pull-down resistor
Input with pull-down resistor
Retained
(P0D3-P0D0)
(P0D3-P0D0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com