Electronic Components Datasheet Search
  English  ▼

X  

AN2708 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 26Page - STMicroelectronics AN2708 Datasheet HTML 27Page - STMicroelectronics AN2708 Datasheet HTML 28Page - STMicroelectronics AN2708 Datasheet HTML 29Page - STMicroelectronics AN2708 Datasheet HTML 30Page - STMicroelectronics AN2708 Datasheet HTML 31Page - STMicroelectronics AN2708 Datasheet HTML 32Page - STMicroelectronics AN2708 Datasheet HTML 33Page - STMicroelectronics AN2708 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Basics of DALI
AN2708
30/42
●
No mains switching required: lamps can be dimmed or switched on and off using
control system commands without any need for mains switching.
●
Easy system re-configuration: the configuration of the system can be changed quickly
without any modification to the hardware.
●
Easy system modification: if the lighting system needs to be enlarged, new
components can be added anywhere on the DALI cable.
●
It is possible to define light scenes. A scene means a particular light level intensity. 16
scenes can be defined at maximum.
Figure 21.
Master flowchart
START
POLLING KEYBOARD
PUSH
BUTTON
BUTTON
NUMBER
11
CHANGE SLAVE
ADDRESS
SEND COMMAND
QUERY
FRAME
WAIT BACKWARD FRAME
FRAME
RECEIVED
TOGGLE
LED
NO
ANSWER
N
Y
N
Y
Y
N
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42