Electronic Components Datasheet Search
  English  ▼

X  

AN2708 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 34Page - STMicroelectronics AN2708 Datasheet HTML 35Page - STMicroelectronics AN2708 Datasheet HTML 36Page - STMicroelectronics AN2708 Datasheet HTML 37Page - STMicroelectronics AN2708 Datasheet HTML 38Page - STMicroelectronics AN2708 Datasheet HTML 39Page - STMicroelectronics AN2708 Datasheet HTML 40Page - STMicroelectronics AN2708 Datasheet HTML 41Page - STMicroelectronics AN2708 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
DALI master AC-DC adapter
AN2708
38/42
There is no overshoot on the output voltages and the measured wakeup time is 180 mS.
5.3.3
Dynamic load tests
These tests show the transient load response at 110 Vac and 230 Vac mains when the 20 V
output current is increased from 10% to 90% of the maximum value.
In the worst case the result is 224 mV or 1.12% of dynamic load regulation which indicates a
very good dynamic behavior.
Figure 33.
Startup waveforms at minimum
load at 110 Vac - 60 Hz
Figure 34.
Startup waveforms at minimum
load at 230 Vac - 50 Hz
CH1 (blue): drain voltage
CH2 (red): 5 Vout
CH3 (green): 20 Vout
CH4 (purple): drain current
CH1 (blue): drain voltage
CH2 (red): 5 Vout
CH3 (green): 20 Vout
CH4 (purple): drain current
Figure 35.
Dynamic load waveforms
at 110 Vac - 60 Hz
Figure 36.
Dynamic load waveforms
at 230 Vac - 50 Hz
CH3 (green): 20 Vout voltage ripple
CH4 (purple): 20 Vout current
CH3 (green): 20 Vout voltage ripple
CH4 (purple): 20 Vout current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com