Electronic Components Datasheet Search
  English  ▼

X  

AN2713 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 23Page - STMicroelectronics AN2713 Datasheet HTML 24Page - STMicroelectronics AN2713 Datasheet HTML 25Page - STMicroelectronics AN2713 Datasheet HTML 26Page - STMicroelectronics AN2713 Datasheet HTML 27Page - STMicroelectronics AN2713 Datasheet HTML 28Page - STMicroelectronics AN2713 Datasheet HTML 29Page - STMicroelectronics AN2713 Datasheet HTML 30Page - STMicroelectronics AN2713 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AN2713
Software installation
Doc ID 14431 Rev 1
27/40
6
Software installation
Unzip the compressed file and perform the installation by clicking on the SETUP.exe file.
Click on: Windows® “start” menu -> Program -> STMicroelectronics -> LNBxxx control suite.
The screen shown in Figure 22 appears, with a green light indicating that the hardware and
software are ready to work.
Figure 22.
PC to I2C main window
The red "I2C ERROR" indicator signals that the LPT port needs to be configured, and/or the
I2C cable (swap the SCL and SDA, if needed) and power supply need to be checked.
Command window
Status window
Received bits from device
Click to send command
programmed in the
command window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40