Electronic Components Datasheet Search
  English  ▼

X  

AN2713 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 32Page - STMicroelectronics AN2713 Datasheet HTML 33Page - STMicroelectronics AN2713 Datasheet HTML 34Page - STMicroelectronics AN2713 Datasheet HTML 35Page - STMicroelectronics AN2713 Datasheet HTML 36Page - STMicroelectronics AN2713 Datasheet HTML 37Page - STMicroelectronics AN2713 Datasheet HTML 38Page - STMicroelectronics AN2713 Datasheet HTML 39Page - STMicroelectronics AN2713 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Software installation
AN2713
38/40
Doc ID 14431 Rev 1
The AUX bit can be set high to force the LNBH23 output voltage to the highest voltage on
the line (22 V typ.) during the minimum current diagnostic phase, in order to detect the
output load and check the dish status or any optional devices inserted on the line.
The maximum current detected at ITEST=0 is 6 mA, while at ITEST=1 it is 12 mA.
During the minimum diagnostic current test, setting only EN=ITEST=AUX=1 is
recommended. The screenshot in Figure 38 shows the following conditions:
●
EN=1, AUX=1
●
Vout=22 V (for testing multiswitch-box dish connection)
Figure 38.
AUX activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com