Electronic Components Datasheet Search
  English  ▼

X  

UPD17P207 Datasheet(PDF) 13 Page - NEC

Part # UPD17P207
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND A/D CONVERTER FOR INFRARED REMOTE CONTROL TRANSMITTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P207 Datasheet(HTML) 13 Page - NEC

Back Button UPD17P207 Datasheet HTML 9Page - NEC UPD17P207 Datasheet HTML 10Page - NEC UPD17P207 Datasheet HTML 11Page - NEC UPD17P207 Datasheet HTML 12Page - NEC UPD17P207 Datasheet HTML 13Page - NEC UPD17P207 Datasheet HTML 14Page - NEC UPD17P207 Datasheet HTML 15Page - NEC UPD17P207 Datasheet HTML 16Page - NEC UPD17P207 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
µPD17P207
13
2.
ONE-TIME PROM (PROGRAM MEMORY) WRITING, READING, AND VERIFICATION
µPD17P207 sets the PROM mode when PROM writing, reading or verification as shown in Table 2-1.
In PROM mode, no address input pin is used. Instead, the address is updated by the clock for input from the CLK pin.
Function
Applies program voltage (12.5 V).
Inputs address update clock.
Selects operation mode.
Inputs and outputs 8-bit data.
Applies supply voltage (6 V).
Pin Name
VPP
CLK
MD0-MD3
D0-D7
VDD
2.1
OPERATION MODE FOR WRITING, READING, AND VERIFICATION OF PROGRAM MEMORY
If +6 V is applied to the VDD and +12.5 V to the VPP pin after
µPD17P207 has been placed in the reset status for a fixed
time (VDD = 5V, RESET = Low level),
µPD17P207 enters program memory write, read, or verify mode.
The MD0 to MD3 pins are used to set the operation modes listed in Table 2-2.
Leave the pins not used for program memory writing, reading, or verification open or ground through pull-down resistors
(470
Ω). (Refer to (2) PROM programming mode in PIN CONFIGURATION.)
Table 2-2. Operating Mode for Program Memory Writing, Reading or Verification
Operating Mode Specification
Remark
x: L or H
MD0
MD1
MD2
MD3
HL
H
L
LH
H
H
LL
H
H
Hx
H
H
VDD
+6 V
VPP
+12.5 V
Operating Mode
Program memory address 0 clear mode
Write mode
Read/verify mode
Program inhibit mode
Table 2-1. Pins Used for Program Memory Writing, Reading, or Verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com