Electronic Components Datasheet Search
  English  ▼

X  

UPD17P207 Datasheet(PDF) 21 Page - NEC

Part # UPD17P207
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND A/D CONVERTER FOR INFRARED REMOTE CONTROL TRANSMITTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P207 Datasheet(HTML) 21 Page - NEC

Back Button UPD17P207 Datasheet HTML 17Page - NEC UPD17P207 Datasheet HTML 18Page - NEC UPD17P207 Datasheet HTML 19Page - NEC UPD17P207 Datasheet HTML 20Page - NEC UPD17P207 Datasheet HTML 21Page - NEC UPD17P207 Datasheet HTML 22Page - NEC UPD17P207 Datasheet HTML 23Page - NEC UPD17P207 Datasheet HTML 24Page - NEC UPD17P207 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
µPD17P207
21
AC CHARACTERISTICS (TA = –20 to +75
°C, VDD = 2.0 to 5.5 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Data input
2.0
µs
VDD = 5 V
±10 %
Data output
10
µs
SCK Input Cycle Time
tKCY
Data input
5
µs
Data output
13
µs
Data input
1.0
µs
VDD = 5 V
±10 %
SCK Input High- and
tKH,
Data output
5.0
µs
Low-Level Widths
tKL
Data input
2.5
µs
Data output
6.5
µs
SI Setup Time (Vs. SCK
↑)tSIK
100
ns
SI Hold Time (Vs. SCK
↑)tKSI
100
ns
SCK
↓→to SO
tKSO
CL = 100 pF
4.5
µs
Output Delay Time
INT High-and Low-Level Width
tIOH, tIOL
50
µs
RESET Low-Level Width
tRSL
50
µs
P0A Low-Level Width
tRLSL
At standby release
10
µs
SERIAL TRANSFER TIMING
3-line Serial I/O Mode:
SCK
SI
SO
Input data
Output data
t KCY
t KL
t KH
t KSI
t SIK
t KSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com