Electronic Components Datasheet Search
  English  ▼

X  

N50610M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N50610M
Description  Duplex Multimode 50-125 Fiber Patch Cable (SC-SC), 10M (33-ft.)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N50610M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N50610M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N50610M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N50610M Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Duplex Multimode 50/125 Fiber Patch Cable
(SC/SC), 10M (33-ft.)
MODEL NUMBER: N506-10M
Description
Tripp Lite's 10-meter multimode duplex Fibre Channel SC/SC patch cable is manufactured from 50/125 zipcord
fiber. The cable has SC connectors on each end, a PVC jacket and is FDDI and OFNR rated. 50/125 Duplex
multimode fiber is most commonly used in Fibre Channel applications. It is backward compatible with 62.5 micron fiber and built-in headroom for future
applications. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks as well. Also available in 1, 2, 3, 5, 15, 30, and 50 meter
lengths. Search "N506-" to bring up all lengths. Also search "N516-" for SC-LC cables, and "N520-" for LC-LC cables.
Features
Constructed with 50/125 micron cable
Length - 10M
Use on fiber and fibre channel installations
SC male to SC male connectors
Higher bandwidth optimized for gigabit and 10Gbps networks
Backward compatible with 62.5 micron fiber
Built-in headroom for future applications
Number of fibers: 2
Fiber type: all glass graded index
Core diameter: two 50+/-3 microns
CLAD diameter: 125+/-2 microns
Primary coating diameter: 245+/-15 microns
Primary coating material: acrylate
Secondary coating diameter: 900+/-50 microns
Secondary coating material: PVC
Attenuation @850NM: 3.5DB/KM maximum, @1300NM: 1.0DB/KM maximum
Bandwidth @850NM: 220 MHz-KM minimum, @1300NM: 600 MHz-KM minimum
Numeric aperture: .275 nominal
Proof test level: 100,000 PSI
Highlights
Premium PVC 50/125 multimode
patch cables
Attenuation loss meets or
exceeds the latest industry
standards
Higher bandwidth, optimized for
gigabit and 10Gbps networks
Backward compatible with 62.5
micron fiber
Built-in headroom for future
applications
System Requirements
Any fiber optic hardware or NIC
card requiring multimode Duplex
cable with SC/SC connectors
Package Includes
10M Duplex MMF Cable SC/SC
50/125 Fiber
1 / 3


Similar Part No. - N50610M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N50615M TRIPPLITE-N50615M Datasheet
487Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (SC-SC), 15M (50-ft.)
More results

Similar Description - N50610M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N80610M TRIPPLITE-N80610M Datasheet
505Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 10M (33-ft)
N30410M TRIPPLITE-N30410M Datasheet
492Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (SC-ST), 10M (33-ft)
N35610M TRIPPLITE-N35610M Datasheet
475Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-SC), 10M (33-ft.)
N51610M TRIPPLITE-N51610M Datasheet
475Kb / 3P
Duplex Multimode 50-125 Fiber Patch Cable (LC-SC), 10M (33-ft.)
N304-10M TRIPPLITE-N304-10M Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (SC/ST), 10M (33-ft.)
N316-10M TRIPPLITE-N316-10M Datasheet
156Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 10M (33-ft.)
N356-10M TRIPPLITE-N356-10M Datasheet
163Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/SC), 10M (33-ft.)
N806-10M TRIPPLITE-N806-10M Datasheet
164Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 10M (33-ft.)
N506-10M TRIPPLITE-N506-10M Datasheet
166Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (SC/SC), 10M (33-ft.)
N516-10M TRIPPLITE-N516-10M Datasheet
157Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 10M (33-ft.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com