Electronic Components Datasheet Search
  English  ▼

X  

N50610M Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N50610M
Description  Duplex Multimode 50-125 Fiber Patch Cable (SC-SC), 10M (33-ft.)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N50610M Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N50610M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N50610M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N50610M Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Proof test level: 100,000 PSI
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Specifications
OVERVIEW
Attenuation @ 1300NM
1.0 DB/KM MAXIMUM
Attenuation @ 850NM
3.5 DB/KM MAXIMUM
Bandwidth @ 1300NM
600 MHZ-KM MINIMUM
Bandwidth @ 850NM
220 MHZ-KM MINIMUM
Clad Diameter
125 +/- 2 MICRONS
Core Diameter
TWO 50 +/- 3 MICRONS
Number of Fibers
2
Numerical Aperture
.275 NOMINAL
Primary Coating Diameter
245 +/- 15 MICRONS
Primary Coating Material
ACRYLATE
Proof Test Level
100,000 PSI
Secondary Coating Diameter
900 +/- 50 MICRONS
Secondary Coating Material
PVC
Fiber Type
50/125 - OM2
Cable Type
Multimode
INPUT
Cable Length (ft.)
33
Cable Length (m)
10
PHYSICAL
Color
Orange
COMMUNICATIONS
Network Speed
1Gbps
CONNECTIONS
Connector A
SC
Connector B
SC
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com