Electronic Components Datasheet Search
  English  ▼

X  

AN2459 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2459
Description  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 24Page - STMicroelectronics AN2459 Datasheet HTML 25Page - STMicroelectronics AN2459 Datasheet HTML 26Page - STMicroelectronics AN2459 Datasheet HTML 27Page - STMicroelectronics AN2459 Datasheet HTML 28Page - STMicroelectronics AN2459 Datasheet HTML 29Page - STMicroelectronics AN2459 Datasheet HTML 30Page - STMicroelectronics AN2459 Datasheet HTML 31Page - STMicroelectronics AN2459 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Components calculation
AN2459 - Application note
28/35
Appendix A
Components calculation
This appendix presents guidelines for the calculation of power components. The content is
based on the design process defined in AN966 (3).
A.1
Input capacitor
The input high frequency filter capacitor (C3) has to attenuate the switching noise due to the
high frequency inductor current ripple (twice the average line current, Figure 9). The worst
conditions occur on the peak of the minimum rated input voltage. The maximum high
frequency voltage ripple is usually imposed between 1% and 10% of the minimum rated
input voltage. This is expressed by a coefficient ‘r’ (typically, r = 0.01 to 0.1):
High values of C3 alleviate the burden to the EMI filter but cause the power factor and the
harmonic contents of the mains current to worsen, especially at high line and light load. On
the other hand, low values of C3 improve power factor and reduce mains current distortion
but require heavier EMI filtering and increase power dissipation in the input bridge. It is up to
the designer to find the right trade-off in their application.
A.2
Output capacitor
The output bulk capacitor (Co) selection depends on:
●
the DC output voltage;
●
the admitted overvoltage;
●
the output power;
●
the desired voltage ripple.
A voltage ripple (
∆Vo = 1/2 ripple peak-to-peak value) of 100 to 120Hz (twice the mains
frequency) is a function of the capacitor impedance and the peak capacitor current (IC(2f)pk =
Io):
With a low ESR capacitor the capacitive reactance is dominant, therefore:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com