Electronic Components Datasheet Search
  English  ▼

X  

AN2459 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2459
Description  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 26Page - STMicroelectronics AN2459 Datasheet HTML 27Page - STMicroelectronics AN2459 Datasheet HTML 28Page - STMicroelectronics AN2459 Datasheet HTML 29Page - STMicroelectronics AN2459 Datasheet HTML 30Page - STMicroelectronics AN2459 Datasheet HTML 31Page - STMicroelectronics AN2459 Datasheet HTML 32Page - STMicroelectronics AN2459 Datasheet HTML 33Page - STMicroelectronics AN2459 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Components calculation
AN2459 - Application note
30/35
Substituting this relationship in the expressions of Ton and Toff, after some algebra it is
possible to find the instantaneous switching frequency along a line cycle:
The switching frequency will be minimum at the top of the sinusoid (
θ =
π/2 ⇒sin(θ) =1 ),
maximum at the zero crossings of the line voltage (
θ = 0 or
π ⇒sin (θ) = 0) where T
off = 0.
The absolute minimum frequency fsw(min) can occur at either the maximum or the minimum
mains voltage, thus the inductor value is defined by:
where Virms can be either Virms(min) or Virms(max), whichever gives the lower value for L.
Once the value of L is defined, the real design of the inductor can start. Standard high
frequency ferrite (gapped core-set with bobbin) is the usual choice in PFC applications.
Selection of the most suitable one, among the various types offered by manufacturers, will
depend on technical and economic considerations.
The next step is to estimate the core size. To calculate an approximate value of the minimum
core size, the following practical equation may be used:
where Volume is expressed in cm3, L in mH and the specific energy constant K depends on
the ratio of the gap length (lgap) and the effective magnetic length (le) of the ferrite core:
The ratio le/lgap is fixed by the designer.
Next, the winding has to be specified. Quantities to be defined include the turn number and
the wire cross-section.
The (maximum) instantaneous energy inside the boost inductor (1/2 × L × ILpk^2) can be
expressed in terms of energy stored in the magnetic field, given by the maximum energy
density times and the effective core volume Ve:
where: Ae is the effective area of the core cross-section, ∆H is the swing of the magnetic
field strength and
∆B is the swing of the magnetic flux density.
Volume
≥ 4K • L • Irms
2
K
≅ 14 • 10–3 •
Ie
Igap
2
• L • ILpk =
•
∆H • ∆B • V
e ≈
•
∆H • ∆B • A
e• Ie
1
2
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com