Electronic Components Datasheet Search
  English  ▼

X  

AN2478 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2478
Description  Normal mode and error detection features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2478 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2478 Datasheet HTML 6Page - STMicroelectronics AN2478 Datasheet HTML 7Page - STMicroelectronics AN2478 Datasheet HTML 8Page - STMicroelectronics AN2478 Datasheet HTML 9Page - STMicroelectronics AN2478 Datasheet HTML 10Page - STMicroelectronics AN2478 Datasheet HTML 11Page - STMicroelectronics AN2478 Datasheet HTML 12Page - STMicroelectronics AN2478 Datasheet HTML 13Page - STMicroelectronics AN2478 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Error detection output test circuit
AN2478
10/21
4
Error detection output test circuit
During the error detection time, the internal structure of the device allows only an output
current test. This is done by comparing the current flowing from the output and the current
set by the programming resistor "REXT".
If the read current is typically less than 50% of the current set by "REXT", the device marks
the output as malfunctioning, and converts the previous data loaded into the shift register
from 1 to 0. These results are then transferred by the SDO pin. Table 2 shows an example of
the measured error detection threshold for several output current levels, as set by "REXT".
To correctly run the output error detection, all signals must be synchronized with the falling
edge of the CLK signal. This is necessary to avoid any setup/hold time problems. If this rule
cannot be applied due to specific application conditions (data generated by a
microcontroller, for example), it is possible to start the OE signal typically at 20 ns of delay
after the rise time of the CLK signal. The next two plots show a typical error detection mode
problem due to wrong error key (LE/DM1 or OE/DM2).
Figure 9.
Error detection sequence problem due to LE/DM1 synchronization
Table 2.
Error threshold test results
Vdd (V)
Iset (mA)
Measured error threshold
52.27
10
5.32
3.3
20
8.38
50
17.91
80
29.06
51.88
10
4.81
520
6.44
50
18.54
80
31.36
Error
Detection
Problem
due to OE
signal
No
detection
was
Observed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com