Electronic Components Datasheet Search
  English  ▼

X  

AN2478 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2478
Description  Normal mode and error detection features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2478 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2478 Datasheet HTML 10Page - STMicroelectronics AN2478 Datasheet HTML 11Page - STMicroelectronics AN2478 Datasheet HTML 12Page - STMicroelectronics AN2478 Datasheet HTML 13Page - STMicroelectronics AN2478 Datasheet HTML 14Page - STMicroelectronics AN2478 Datasheet HTML 15Page - STMicroelectronics AN2478 Datasheet HTML 16Page - STMicroelectronics AN2478 Datasheet HTML 17Page - STMicroelectronics AN2478 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Evaluation boards with error detection features using STP08DP05 LED drivers
AN2478
14/21
The timing diagram for normal operational mode is shown in Figure 13 (left side). The yellow
waveform is the clock frequency of the SPI set to 2 MHz. Five bytes are sent to the drivers in
order to independently control 40 LEDs . When all data are shifted to the drivers (registers)
the latch (red waveform) is switched to high and rewrites the storage registers. The OE pin
enables the output driver sink current. Current is modulated by the potentiometer which
changes the PWM duty cycle on the OE pin (PWM frequency is set at 244 Hz).
More information about timing diagram in normal operation mode is also written in
application note AN2141, since the new STP08DP05 is compatible with the previous
versions of the LED drivers.
Complete error detection timing diagram for checking the status of all 40 LEDs on the
STEVAL-ILL002V3 or 4 is also shown in Figure 13 (right side). Error detection mode is
divided to 5 timing intervals. The first interval allows enterance into error detection mode
through generation of a special sequence on the latch and OE pins synchronized by the
clock frequency. This sequence is described in Figure 6. When the LED drivers enter error
detection mode the high level must be sent through SPI to the outputs and then latched. In
the next step the status of incorrect LEDs is detected. An enlarged view of the third timing
interval is provided in Figure 14. The OE is set to low level for at least 1 µs (in this case 50
µs) and one clock cycle (yellow) is applied. The status of the LEDs is obtained when OE is
turned to high level as shown in the fourth timing interval (the detection result is read on the
SDO on the falling edge of the SPI clock). First, the data are read from the last driver E, then
from D, etc. To demonstrate the error detection feature the LED diode 39 (see the schematic
diagram in Figure 16) was shorted and therefore the results coming from the LED drivers
are the following:
●
DRIVER A: 1111 1111
●
DRIVER B: 1111 1111
●
DRIVER C: 1111 1111
●
DRIVER D: 1111 1111
●
DRIVER E: 1011 1111 (output 6 faults)
As soon as the status of all LEDs is checked the LED drivers should return to the normal
operational mode by generating a special sequence during fifth timing interval. The timing
diagram for resuming normal mode is also shown in Figure 7.
Figure 13.
Timing diagram for the STEVAL-ILL002V3 or 4 evaluation board
Normal
mode
Error detection mode
Zoom
CLK
SDO
LE
OE
1
2
3
45
A
B
C
E
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com