Electronic Components Datasheet Search
  English  ▼

X  

AN2818 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2818
Description  NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2818 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2818 Datasheet HTML 16Page - STMicroelectronics AN2818 Datasheet HTML 17Page - STMicroelectronics AN2818 Datasheet HTML 18Page - STMicroelectronics AN2818 Datasheet HTML 19Page - STMicroelectronics AN2818 Datasheet HTML 20Page - STMicroelectronics AN2818 Datasheet HTML 21Page - STMicroelectronics AN2818 Datasheet HTML 22Page - STMicroelectronics AN2818 Datasheet HTML 23Page - STMicroelectronics AN2818 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Board schematics
AN2818
20/24
8.1
Bill of materials
Table 3.
Bill of materials
Index Qty
Reference
Value/generic
part number
Package
Manufact.
Manufacturer’s
ordering code/
orderable part
number
1
2
C1,C2
47 µF/16 V
Electrolytic
cylindrical
Any
2
1
C3
4.7 µF/25 V
Electrolytic
cylindrical
Any
312
C4,C5,C7,C8,C9,C10,
C11,C13,C14,C15,
C17,C24
100 nF
805
Any
4
1
C6
1 µF/16 V
Electrolytic
cylindrical
5
1
C12
470 µF/16 V
Electrolytic
cylindrical
Any
6
4
C16,C18,C20,C21
33 pF
805
Any
7
2
C19,C22
10 nF
805
Any
8
1
C23
200 µF
Electrolytic
cylindrical
Any
9
2
D1,D2
1N5817
DO41
ST
1N5817
10
4
D3,D4,D8,D9
LED
Axial LED
Any
11
1
D5
TL1431AIZ
TO-92
ST
TL1431AIZ
12
2
D6,D7
1N5819
DO41
ST
1N5819
13
7
JP1,JP3, JP12, JP13,
JP14, JP15, JP16
Jumper
SIP-2
Any
14
1
J1
CON4
SIP-4
Any
15
1
J2
CON8
SIP-8
Any
16
2
J3,J4
CON12
SIP-12
Any
17
2
J5,J7
CON3
SIP-3
Any
18
2
J6,J8
CON10A
Box header
Any
19
4
J9,J10, J11, J12
CON1
Mounting holes
Any
20
1
L1
10 µH
Axial inductor
Any
21
1
L2
33 µH
Axial inductor
Any
22
1
M1
STT3PF30L
SOT23-6L
ST
STT3PF30L
23
3
Q1,Q2,Q3
2STR2215
SOT-23
ST
2STR2215
24
6
Q4,Q5,Q6,Q7,Q8, Q9
2STR1215
SOT-24
ST
2STR1215
25
4
R2,R8, R31,R41
100 k
Ω
805
Any
26
1
R3
18 k
Ω
805
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com