Electronic Components Datasheet Search
  English  ▼

X  

AN2836 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 12Page - STMicroelectronics AN2836 Datasheet HTML 13Page - STMicroelectronics AN2836 Datasheet HTML 14Page - STMicroelectronics AN2836 Datasheet HTML 15Page - STMicroelectronics AN2836 Datasheet HTML 16Page - STMicroelectronics AN2836 Datasheet HTML 17Page - STMicroelectronics AN2836 Datasheet HTML 18Page - STMicroelectronics AN2836 Datasheet HTML 19Page - STMicroelectronics AN2836 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Designing an application with L6225, L6226, L6227
AN2836
16/57
Doc ID 15084 Rev 1
4.6
Charge pump external components
An internal oscillator, with its output at the CP pin, switches from GND to 10 V with a typical
frequency of 600 kHz (see Figure 9).
Figure 9.
Charge pump
When the oscillator output is at ground, C5 is charged by VS through D2. When it rises to
10, D2 is reverse biased and the charge flows from C5 to C8 through D1, so the VBOOT pin,
after a few cycles, reaches the maximum voltage of VS + 10 V - VD1 - VD2, which supplies
the high-side gate drivers.
With a differential voltage between VS and VBOOT of about 9 V and both the bridges
switching at 50 kHz, the typical current drawn by the VBOOT pin is 1.85 mA.
Care must be taken in establishing the PCB layout of the C5, D1, D2 connections in order to
minimize interferences with the rest of the circuit (see also Section 4.4). Recommended
values for the charge pump circuitry are:
●
D1, D2: 1N4148
●
C5: 10 nF 100 V ceramic
●
C8: 220 nF 25 V ceramic
Due to the high charge pump frequency, fast diodes are required. Connecting the cold side
of the bulk capacitor (C8) to VS instead of GND, the average current in the external diodes
during operation is less than 10 mA. At IC power-up the current in the external diodes is
less than 200 mA. The reverse voltage of the charge pump diodes is about 10 V in all
Table 1.
RSENSE recommended values
Ipk
RSENSE value [Ω]RSENSE power rating [W]
Alternatives
0.25
2
0.125
0.5
1
0.25
10.5
0.5
2 X 1
Ω, 0.25 W
paralleled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com