Electronic Components Datasheet Search
  English  ▼

X  

AN2836 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 30Page - STMicroelectronics AN2836 Datasheet HTML 31Page - STMicroelectronics AN2836 Datasheet HTML 32Page - STMicroelectronics AN2836 Datasheet HTML 33Page - STMicroelectronics AN2836 Datasheet HTML 34Page - STMicroelectronics AN2836 Datasheet HTML 35Page - STMicroelectronics AN2836 Datasheet HTML 36Page - STMicroelectronics AN2836 Datasheet HTML 37Page - STMicroelectronics AN2836 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Designing an application with L6225, L6226, L6227
AN2836
34/57
Doc ID 15084 Rev 1
4.16.1
Maximum output current vs. selectable devices
Figure 39 shows a comparison of performance between different devices of the
powerSPINTM family, for different packages and in a parallel configuration, with the following
assumptions:
●
Each equivalent full bridge drives a load
●
Supply voltage: 24 V; switching frequency: 30 kHz
●
Tamb = 25 °C, TJ = 125 °C
●
Maximum RDS(on) (taking into account process spread) has been considered, at 125 °C
●
Maximum quiescent current IQ (taking into account process spread) has been
considered
●
PCB is an FR4 with a dissipating copper surface on the top side of 6 cm2 (with a
thickness of 35
µm) for SO and PowerDIP packages (D, N suffixes)
●
PCB is an FR4 with a dissipating copper surface on the top side of 6 cm2 (with a
thickness of 35
µm), 16 via holes and a ground layer for the PowerSO package (PD
suffix)
●
For each device configuration (on the x-axis) the y-axis shows the maximum output
(load) current
●
2 x ‘device’ means that the two loads are driven by two equivalent full bridges obtained
by paralleling two full bridges for each of the two ICs used. The current reported in
Figure 39 is the maximum output current of an equivalent full bridge (a paralleled IC).
Figure 38.
IC dissipated power versus output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com