Electronic Components Datasheet Search
  English  ▼

X  

AN2936 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2936
Description  10 W SMPS with HV power MOSFET and the L6565
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2936 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2936 Datasheet HTML 2Page - STMicroelectronics AN2936 Datasheet HTML 3Page - STMicroelectronics AN2936 Datasheet HTML 4Page - STMicroelectronics AN2936 Datasheet HTML 5Page - STMicroelectronics AN2936 Datasheet HTML 6Page - STMicroelectronics AN2936 Datasheet HTML 7Page - STMicroelectronics AN2936 Datasheet HTML 8Page - STMicroelectronics AN2936 Datasheet HTML 9Page - STMicroelectronics AN2936 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN2936
Demonstration board description
7/10
R1
1 m
Ω
Resistor, metal film 0.25 W 5%, SMD
R2
1 m
Ω
Resistor, metal film 0.25 W 5%, SMD
R3
1 m
Ω
Resistor, metal film 0.25 W 5%, SMD
R4
1 m
Ω
Resistor, metal film 0.25 W 5%, SMD
R5
1.8 m
Ω
Resistor, metal film 0.25 W 5%, SMD
R6
1.8 m
Ω
Resistor, metal film 0.25 W 5%, SMD
R7
1.8 m
Ω
Resistor, metal film 0.25 W 5%, SMD
R8
1.8 m
Ω
Resistor, metal film 0.25 W 5%, SMD
R9
330 k
Ω
Resistor, metal film 0.25 W 5%, SMD
R10
330 k
Ω
Resistor, metal film 0.25 W 5%, SMD
R11
150 k
Ω
Resistor, metal film 0.25 W 5%, SMD
R12
150 k
Ω
Resistor, metal film 0.25 W 5%, SMD
R13
10
Ω
R14
12 k
Ω
Resistor, metal film 0.25 W 5%, SMD
R15
2.2 k
Ω – n.m.
Resistor, metal film 0.25 W 5%, SMD
R16
18 k
Ω
Resistor, metal film 0.25 W 5%, SMD
R17
120 k
Ω
Resistor, metal film 0.25 W 5%, SMD
R18
15 k
Ω
R19
2.2
Ω
R20
1 k
Ω
R21
3.5
Ω
R22
2.2 k
Ω
R23
1 k
Ω
R24
10 k
Ω
R25
10 k
Ω
R26
560
Ω
R27
n.m.
R28
n.m.
R29
150 k
Ω
Resistor, metal film 0.25 W 5%, SMD
R30
1.2 k
Ω
T1
0603261
Switch mode transformer - Tronic
U1
L6565
Quasi resonant controller - STMicroelectronics
U2
PC817
Optocoupler
U3
TL431
Programmable shunt voltage reference 1% - STMicroelectronics
Table 2.
Bill of materials (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com