Electronic Components Datasheet Search
  English  ▼

X  

AN2936 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2936
Description  10 W SMPS with HV power MOSFET and the L6565
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2936 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2936 Datasheet HTML 1Page - STMicroelectronics AN2936 Datasheet HTML 2Page - STMicroelectronics AN2936 Datasheet HTML 3Page - STMicroelectronics AN2936 Datasheet HTML 4Page - STMicroelectronics AN2936 Datasheet HTML 5Page - STMicroelectronics AN2936 Datasheet HTML 6Page - STMicroelectronics AN2936 Datasheet HTML 7Page - STMicroelectronics AN2936 Datasheet HTML 8Page - STMicroelectronics AN2936 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN2936
Demonstration board description
3/10
1
Demonstration board description
The STEVAL-ISA034V1 demonstration board is based on a quasi-resonant flyback
converter topology and uses the STP3N150 1500 V power MOSFET as the primary switch.
The STP3N150 employs STMicroelectronics’ proprietary high voltage Mesh Overlay
technology. Characteristic of this technology, the switch features very low RDS(on) per area,
low gate charge and high switching performance. The device is available in the TO-220, TO-
247 and TO-220FH packages.
The demonstration board is designed in accordance with the specifications in Table 1.
The input section is equipped with two connectors: CON1 for 400 Vac input voltage, and
CON2 for 230 Vac input voltage. The output voltages are available on CON3, with a shared
ground between the two outputs.
The converter is controlled by the L6565, a primary controller for quasi-resonant ZVS (zero-
voltage switching) flyback converters. The device is capable of controlling power variations
in the mains voltage by means of line voltage feed-forward. In light load conditions the
device features a special function which automatically lowers the operating frequency while
maintaining operation as close to ZVS as possible. In addition to very low startup and
quiescent currents, this feature helps to maintain low consumption from the mains in light
load conditions.
The device also includes a disable function, an on-chip filter on current sense, an error
amplifier with a precise reference voltage for primary regulation and effective two-level
overcurrent protection. The transformer reflected voltage is set to 400 V, providing enough
margin for leakage inductance voltage spikes. A small RCD clamper circuit is used to limit
excess voltage on the drain of the power MOSFET. During normal operation, the L6565 is
powered by the auxiliary winding of the transformer, via diode D7. A spike killer circuit for the
auxiliary voltage fluctuations is present, but not connected (Q2, C12, R15). The primary
current is measured using an external sensing resistor (R21) for current mode operation.
Output voltage regulation is performed using secondary feedback on the 5 V output.
The feedback network consists of a programmable voltage reference, TL431, driving an
optocoupler which ensures the required insulation between the primary and secondary
sections. The optotransistor drives the feedback pin (COMP), which controls the operation
of the device. LC filters have been added on both of the outputs to reduce the high
frequency ripple, using moderate output capacitor values.
Table 1.
Main specifications
Parameter
Value
Input voltage range
185 to 460 Vac
Input frequency range
50/60 Hz
Output 1
12 V @ 0.6 A
Output 2
5 V @ 0.55 A
Output power
10 W
Safety
EN60950
EMI
EN55014



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com