Electronic Components Datasheet Search
  English  ▼

X  

AN2950 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 7Page - STMicroelectronics AN2950 Datasheet HTML 8Page - STMicroelectronics AN2950 Datasheet HTML 9Page - STMicroelectronics AN2950 Datasheet HTML 10Page - STMicroelectronics AN2950 Datasheet HTML 11Page - STMicroelectronics AN2950 Datasheet HTML 12Page - STMicroelectronics AN2950 Datasheet HTML 13Page - STMicroelectronics AN2950 Datasheet HTML 14Page - STMicroelectronics AN2950 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AN2950
Testing the board
Doc ID 15494 Rev 1
11/37
2
Testing the board
2.1
Typical board waveforms
The drain voltage and current waveforms are reported for the two nominal input voltages
and for the minimum and maximum voltages of the converter’s input operating range.
Figure 7 and Figure 8 show the drain current voltage waveforms at nominal input voltages
(115 VAC and 230 VAC) and maximum load (2 A). Figure 9 and Figure 10 show the same
waveforms for the same load conditions, but with minimum (90 VAC) and maximum
(265 VAC) input voltages.
Figure 11 and Figure 12 show the same waveforms during peak load conditions (3.3 A),
which the converter is able to sustain for approximately 1.9 seconds while still keeping the
output voltage under regulation.
The converter is operated in continuous conduction mode (CCM) at low input voltage during
full load conditions and even at high input voltage during peak load conditions. CCM allows
reducing the value of the root mean square currents, both on the primary side (in the power
switch) and on the secondary side (in the output diode D4 and in the output capacitors C9
and C14), thus reducing the power dissipation and the stress on the power components.
Figure 7.
Drain current and voltage at
maximum load 115 VAC
Figure 8.
Drain current and voltage at
maximum load 230 VAC
Figure 9.
Drain current and voltage at
maximum load 90 VAC
Figure 10.
Drain current and voltage at
maximum load 265 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com