Electronic Components Datasheet Search
  English  ▼

X  

AN2950 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 12Page - STMicroelectronics AN2950 Datasheet HTML 13Page - STMicroelectronics AN2950 Datasheet HTML 14Page - STMicroelectronics AN2950 Datasheet HTML 15Page - STMicroelectronics AN2950 Datasheet HTML 16Page - STMicroelectronics AN2950 Datasheet HTML 17Page - STMicroelectronics AN2950 Datasheet HTML 18Page - STMicroelectronics AN2950 Datasheet HTML 19Page - STMicroelectronics AN2950 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Testing the board
AN2950
16/37
Doc ID 15494 Rev 1
Figure 21.
Active mode efficiency vs VIN
In Table 10 and Figure 22 the averaged values of the efficiency versus load are reported
(the average has been done considering the efficiency at different values of the input
voltage).
Table 9.
Active mode efficiency
Active mode efficiency
VIN_AC (VRMS)
Efficiency (%)
90
80.53
115
82.24
150
82.53
180
81.08
230
81.16
265
81.36
Table 10.
Input voltage averaged efficiency
Load (% of full load)
Efficiency (%)
100
80.93
75
81.28
50
81.02
25
82.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com