Electronic Components Datasheet Search
  English  ▼

X  

KDR732 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR732
Description  SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED RECTIFICATION)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR732 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR732 Datasheet HTML 1Page - KEC(Korea Electronics) KDR732 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 2. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR732
SCHOTTKY BARRIER TYPE DIODE
Revision No : 2
HIGH SPEED RECTIFICATION
(SWITCHING REGULATORS, CONVERTERS, CHOPPERS)
UNIVERSAL-USE RECTIFIERS.
FEATURES
Low Forward Voltage : VF max=0.55V
Fast reverse recovery time (trr max=10nS)
Low switching noise.
Low leakage current and high reliablility due to
Highly reliable planar structure.
Ultrasmall-sized package permtting KDR732
applied sets to be made small and slim.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
1. ANODE 1
2. ANODE 2
3. CATHODE
USM
2.00 0.20
1.25 0.15
0.90 0.10
0.3+0.10/-0.05
2.10 0.20
0.65
0.15+0.1/-0.06
1.30
0.00-0.10
0.70
C
G
H
J
K
L
K
1
3
2
E
B
D
H
MM
N
N
M
0.42 0.10
N
0.10 MIN
3
2
1
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Marking
U Z
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive (Peak) Reverse Voltage
VRRM
30
V
Non-Repetitive (Peak)
Reverse Surge Voltage
VRSM
35
V
Average Forward Current
IO
70
mA
Surge Forward Current
IFSM
2
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=20 A
30
-
-
V
Forward Voltage
VF
IF=70mA
-
-
0.55
V
Reverse Current
IR
VR=15V
-
-
5
A
Total Capacitance
CT
VR=10V, f=1MHz
-
3.0
-
pF
Reverse Recovery Time
trr
IR=IF=10mA
-
-
10
nS


Similar Part No. - KDR732

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR732 KEC-KDR732 Datasheet
21Kb / 1P
USM PACKAGE
KDR732E KEC-KDR732E Datasheet
389Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
KDR732V KEC-KDR732V Datasheet
390Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
KDR732 KEC-KDR732_08 Datasheet
21Kb / 1P
USM PACKAGE
More results

Similar Description - KDR732

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR105 KEC-KDR105 Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR105S KEC-KDR105S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR400S KEC-KDR400S Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING SUPPLY)
KDR505S KEC-KDR505S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR701S KEC-KDR701S Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(FOR HIGH FREQUENCY RECTIFICATION)
KDR720S KEC-KDR720S Datasheet
386Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(FOR HIGH SPEED SWITCHING CIRCUIT, FOR SMALL CURRENT RECTIFICATION)
logo
Leshan Radio Company
LRB520S-30T1G LRC-LRB520S-30T1G_11 Datasheet
507Kb / 3P
SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB521S-30T1G LRC-LRB521S-30T1G Datasheet
453Kb / 3P
SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB521S-40T1G LRC-LRB521S-40T1G Datasheet
614Kb / 4P
SCHOTTKY BARRIER DIODE Low current rectification and high speed switching
LRB551V-30T1G LRC-LRB551V-30T1G_11 Datasheet
62Kb / 3P
Schottky barrier diode High-frequency rectification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com