Electronic Components Datasheet Search
  English  ▼

X  

KDR732 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR732
Description  SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED RECTIFICATION)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR732 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR732 Datasheet HTML 1Page - KEC(Korea Electronics) KDR732 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 2. 25
2/2
KDR732
Revision No : 2
REVERSE VOLTAGE V (V)
R
I - V
RR
0
0.01
510
15
0.1
100
1K
10
1
FORWARD VOLTAGE V
(V)
F
I - V
FF
Ta=125 C
REVERSE VOLTAGE V
(V)
R
C - VR
f=1MHz
TIME t (S)
0
0.01
0.03
0.1
1
0.3
3
I - t
S
Current
waveform
50
30
1
0.5
10
3
5
1
3
5
10
20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
20
25
30
35
50Hz sine
wave
20ms
t
1s
Ta=100 C
Ta=75 C
Ta=50 C
Ta=25 C
1
0.5
200
0.4
0.2
0
0.6
0.8
1.0
3
5
10
30
50
100
t
TEST CIRCUIT
rr
Duty 10%
rr
10µs
5V
<=
1mA
t



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com