Electronic Components Datasheet Search
  English  ▼

X  

RH1085 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1085
Description  3A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1085 Datasheet(HTML) 1 Page - Linear Technology

  RH1085 Datasheet HTML 1Page - Linear Technology RH1085 Datasheet HTML 2Page - Linear Technology RH1085 Datasheet HTML 3Page - Linear Technology RH1085 Datasheet HTML 4Page - Linear Technology RH1085 Datasheet HTML 5Page - Linear Technology RH1085 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RH1085
1
rh1085fc
3A Low Dropout Positive
Adjustable Regulator
The RH1085 positive adjustable regulator is designed to
provide 3A with higher efficiency than currently available
devices. All internal circuitry is designed to operate down
to 1V input-to-output differential and the dropout voltage
is fully specified as a function of load current. Dropout
is guaranteed at a maximum of 1.5V at maximum output
current, decreasing at lower load currents. On-chip trim-
ming adjusts the output voltage to 1%. Current limit is
also trimmed, minimizing the stress on both the regulator
and power source circuitry under overload conditions.
The RH1085 is pin compatible with older 3-terminal
regulators. A 10μF output capacitor is required on these
new device. However, this is usually included in most
regulator designs.
The wafer lots are processed to Linear Technology
Corporation’s in-house Class S flow-to-yield circuits
usable in stringent military applications.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Power Dissipation ............................... Internally Limited
Input-to-Output Voltage Differential ..........................30V
Operating Junction Temperature Range
Control Section ................................. – 55°C to 150°C
Power Transistor................................ –55°C to 200°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
2
1
VIN
CASE
IS OUTPUT
ADJ
K PACKAGE
2-LEAD TO-3 METAL CAN
BOTTOM VIEW
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
BURN-IN CIRCUIT
PACKAGE INFORMATION
RH1085
IN
OUT
ADJ
121Ω
1k
RH1085 BI
15V
–15V
CAPACITOR(S) NOT SHOWN
100% Thermal Limit Burn-In
PRECONDITIONING
Note: For ordering information contact LTC.
FINAL SPECIFICATIONS SUBJECT TO CHANGE
(Note 1)


Similar Part No. - RH1085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
More results

Similar Description - RH1085

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
3A Low Dropout Positive Adjustable Regulator
24-May-02
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com