Electronic Components Datasheet Search
  English  ▼

X  

RH1085 Datasheet(PDF) 4 Page - Linear Technology

Part # RH1085
Description  3A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1085 Datasheet(HTML) 4 Page - Linear Technology

  RH1085 Datasheet HTML 1Page - Linear Technology RH1085 Datasheet HTML 2Page - Linear Technology RH1085 Datasheet HTML 3Page - Linear Technology RH1085 Datasheet HTML 4Page - Linear Technology RH1085 Datasheet HTML 5Page - Linear Technology RH1085 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RH1085
4
rh1085fc
TOTAL DOSE BIAS CIRCUIT
TABLE 2: ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4,5,6
Group A Test Requirements (Method 5005)
1,2,3,4,5,6
Group C and D End Point Electrical Parameters
(Method 5005)
1
*PDA applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup 1,
after burn-in divided by the total number of devices submitted for burn-in
in that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
Reference Voltage
Ripple Rejection
Current Limit
TYPICAL PERFORMANCE CHARACTERISTICS
TOTAL DOSE – KRADS (Si)
1
1.26
1.25
1.24
1.23
1.22
10
100
1000
RH1085 G01
10mA ≤ ΔIOUT ≤ IFULL LOAD
1.7V ≤ (VIN – VOUT) ≤ 15V
TOTAL DOSE – KRADS (Si)
1
105
100
95
90
85
80
75
70
65
10
100
1000
RH1085 G02
(VIN – VOUT) = 3V
IOUT = IFULL LOAD
TOTAL DOSE – KRADS (Si)
1
0.46
0.45
0.44
0.43
0.42
10
100
1000
RH1085 G03
(VIN – VOUT) = 25V
RH1085
VOUT
ADJ
150Ω
RH1085 BC
15V
–15V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com