Electronic Components Datasheet Search
  English  ▼

X  

RH1086M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1086M
Description  0.5A and 1.5A Low Dropout Positive Adjustable Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1086M Datasheet(HTML) 1 Page - Linear Technology

  RH1086M Datasheet HTML 1Page - Linear Technology RH1086M Datasheet HTML 2Page - Linear Technology RH1086M Datasheet HTML 3Page - Linear Technology RH1086M Datasheet HTML 4Page - Linear Technology RH1086M Datasheet HTML 5Page - Linear Technology RH1086M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RH1086M
1
rh1086mfc
0.5A and 1.5A Low Dropout
Positive Adjustable Regulators
The RH1086M positive adjustable regulator is designed to
provide 0.5A for the H package and 1.5A for the K package
with higher efficiency than currently available devices. All
internal circuitry is designed to operate down to 1V input-
output differential and the dropout voltage is fully specified
as a function of load current. Dropout is guaranteed at a
maximum of 1.5V at maximum output current, decreasing
at lower load currents. On-chip trimming adjusts the output
voltage to 1%. Current limit is also trimmed, minimizing
the stress on both the regulator and power source circuitry
under overload conditions.
The RH1086M is pin compatible with older 3-terminal
regulators. A 10μF output capacitor is required on this
new device. However, this is usually included in most
regulator designs.
The wafer lots are processed to Linear Technology Cor-
poration’s in-house Class S flow-to-yield circuits usable
in stringent military applications.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Power Dissipation ............................... Internally Limited
Input-to-Output Voltage Differential ..........................25V
Operating Junction Temperature Range
Control Section ................................. – 55°C to 150°C
Power Transistor................................ –55°C to 200°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
BURN-IN CIRCUIT
100% Thermal Limit Burn-In
PRECONDITIONING
2
1
VIN
CASE
IS OUTPUT
ADJ
K PACKAGE
2-LEAD TO-3 METAL CAN
BOTTOM VIEW
BOTTOM VIEW
H PACKAGE
3-LEAD TO-39 METAL CAN
3
2
1
OUTPUT
(CASE)
ADJ
INPUT
PACKAGE INFORMATION
RH1086M
IN
OUT
ADJ
150Ω
RH1086 BI
15V
–15V
CAPACITOR(S) NOT SHOWN
Note: For ordering information contact LTC.
FINAL SPECIFICATIONS SUBJECT TO CHANGE
(Note 1)


Similar Part No. - RH1086M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
More results

Similar Description - RH1086M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
1.5A Low Dropout Positive Regulators
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
logo
Diodes Incorporated
AP1086 DIODES-AP1086_10 Datasheet
205Kb / 10P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE
DS31028 Rev. 6 - 2
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
Adjustable Micropower 0.5A Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com