Electronic Components Datasheet Search
  English  ▼

X  

RH1086M Datasheet(PDF) 6 Page - Linear Technology

Part # RH1086M
Description  0.5A and 1.5A Low Dropout Positive Adjustable Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1086M Datasheet(HTML) 6 Page - Linear Technology

  RH1086M Datasheet HTML 1Page - Linear Technology RH1086M Datasheet HTML 2Page - Linear Technology RH1086M Datasheet HTML 3Page - Linear Technology RH1086M Datasheet HTML 4Page - Linear Technology RH1086M Datasheet HTML 5Page - Linear Technology RH1086M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RH1086M
6
rh1086mfc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1995
ID No. 66-11-1086 • LT 0411 REV C • PRINTED IN USA
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
B
10/10
Updated Reference Voltage vs Postirradiation Limits in Table 1A: Electrical Characteristics
3
C
4/11
Updated Dropout Voltage in Table 1 and Table 1A
2, 3
(Revision history begins at Rev B)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com