Electronic Components Datasheet Search
  English  ▼

X  

RH3080MK Datasheet(PDF) 1 Page - Linear Technology

Part # RH3080MK
Description  Adjustable 0.9A Single Resistor Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH3080MK Datasheet(HTML) 1 Page - Linear Technology

  RH3080MK Datasheet HTML 1Page - Linear Technology RH3080MK Datasheet HTML 2Page - Linear Technology RH3080MK Datasheet HTML 3Page - Linear Technology RH3080MK Datasheet HTML 4Page - Linear Technology RH3080MK Datasheet HTML 5Page - Linear Technology RH3080MK Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RH3080MK DICE/DWF
1
rh3080mkfb
Dice Pinout
DescriPtion
Features
Adjustable 0.9A Single
Resistor Low Dropout
Regulator
The RH3080 is a 0.9A low dropout linear regulator with a
unique architecture featuring a precision current source
and voltage follower which allows the output to be pro-
grammed to any voltage between zero and 36V. Multiple
regulatorscanbeparalleledtoincreasetotaloutputcurrent
and spread heat over a system PC board with no need for
heat sinking. The pass transistor collector can be brought
out independently of the circuit supply voltage to allow
dropoutvoltagetoapproachthesaturationlimitofthepass
transistor. A 2.2µF capacitor on the output with an ESR of
lessthan0.5Ωisadequatetoensurestability.Applications
with large output load transients require a larger output
capacitor value to minimize output voltage change. Input
circuitry ensures output safe operating area current limit-
ing and thermal shutdown protection. The rated output
current of an RH3080-based part is fixed by internal wire
length/resistance. Linear Technology dice element evalu-
ations are based on parts rated for 0.9A output current.
PAD FUNCTION
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
absolute MaxiMuM ratings
VCONTROL Pin Voltage ....................................40V, –0.3V
IN Pin Voltage ................................................40V, –0.3V
SET Pin Current (Note 6) ..................................... ±10mA
SET Pin Voltage (Relative to OUT, Note 6) .............±0.3V
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range
(Notes 2, 10) .......................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1) (All voltages relative to VOUT)
1
2
2
3
4
5
1
44mils x 75mils
Backside metal: Alloyed gold layer
Backside potential: OUT
Tie SENSE to OUT
1. IN
2. OUT
3. SENSE
4. SET
5. VCONTROL
DIE CROSS REFERENCE
LTC® Finished
Part Number
Order
Part Number
RH3080MK
RH3080MK
RH3080MK DICE
RH3080MK DWF*
Please refer to LT®3080 standard product
data sheet for other applicable product
information.
*DWF = DICE in wafer form.
n
Outputs May Be Paralleled for Higher Current and
Heat Spreading
n
Single Resistor Sets Output Voltage
n
Output Adjustable to 0V
n
10µA SET Pin Current: 1% Initial Accuracy
n
Total Ionizing Dose (TID) Tolerance, per TM1019.8,
MIL-STD-883 up to:
200kRad (Si), per Condition A, at 50Rads(Si)/sec
100kRad (Si), per Condition D, at 10mRads(Si)/sec
ELDRS Pass 100kRad(Si)
n
Displacement Damage Defects (DDD) Up to 1E12
Neutrons/cm2
n
Single Event Latchup (SEL) Threshold Linear Energy
Transfer (LET) ≥110MeV.cm2/mg at TCASE = 100°C
n
MIL-PRF-38535 Class V Compliant


Similar Part No. - RH3080MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3080MKDICE LINER-RH3080MKDICE Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3080MKDWF LINER-RH3080MKDWF Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
More results

Similar Description - RH3080MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com