Electronic Components Datasheet Search
  English  ▼

X  

RH3080MK Datasheet(PDF) 2 Page - Linear Technology

Part # RH3080MK
Description  Adjustable 0.9A Single Resistor Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH3080MK Datasheet(HTML) 2 Page - Linear Technology

  RH3080MK Datasheet HTML 1Page - Linear Technology RH3080MK Datasheet HTML 2Page - Linear Technology RH3080MK Datasheet HTML 3Page - Linear Technology RH3080MK Datasheet HTML 4Page - Linear Technology RH3080MK Datasheet HTML 5Page - Linear Technology RH3080MK Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RH3080MK DICE/DWF
2
rh3080mkfb
table 2. electrical characteristics
table 1. Dice/DWF electrical test liMits
(Preirradiation) (Notes 2, 9, 12)
TA = 25°C (Notes 2, 5, 8, 9, 12)
PARAMETER
CONDITIONS
TA = 25°C
SUB-
GROUP
–55°C < TA < 125°C SUB-
GROUP UNITS
MIN
MAX
MIN
MAX
SET Pin Current (Note 6)
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
9.9
10.1
1
9.8
10.2
2, 3
µA
Output Offset Voltage (VOUT – VSET)
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
–5
5
1
–6
6
2, 3
mV
Load Regulation, ISET
ILOAD = 1mA to 0.9A
–15
15
1
–30
30
2, 3
nA
Load Regulation, VOS
ILOAD = 1mA to 0.9A
–1.0
1.0
1
–1.5
1.5
2, 3
mV
Line Regulation, ISET (Note 11)
VIN = 1V to 26V, VCONTROL = 2V to 26V,
ILOAD = 1mA
–0.45 0.45
1
–0.6
0.6
2, 3
nA/V
Line Regulation, VOS (Note 11)
VIN = 1V to 26V, VCONTROL = 2V to 26V,
ILOAD = 1mA
–0.05 0.05
1
–0.06
0.06
2, 3
mV/V
Minimum Load Current (Notes 3, 11)
VIN = 10V, VCONTROL = 10V
VIN = 26V, VCONTROL = 26V
0.4
0.9
1
1
0.6
1
2, 3
2, 3
mA
mA
VCONTROL Dropout Voltage (Note 4)
VIN = 1V, ILOAD = 0.1A
VIN = 1V, ILOAD = 0.5A
VIN = 1V, ILOAD = 0.9A
1.4
1.5
1.5
1
1
1
1.5
1.7
2, 3
2, 3
2, 3
V
V
V
VIN Dropout Voltage (Note 4)
VCONTROL = 2V, ILOAD = 0.1A
VCONTROL = 2V, ILOAD = 0.5A
VCONTROL = 2V, ILOAD = 0.8A
0.17
0.27
0.45
1
1
1
0.2
0.6
2, 3
2, 3
2, 3
V
V
V
VCONTROL Pin Current (Note 5)
VIN = 1V, VCONTROL = 2V, ILOAD = 0.1A
VIN = 1V, VCONTROL = 2V, ILOAD = 0.9A
5.3
22
1
1
6.3
30
2, 3
2, 3
mA
mA
Current Limit
VIN = 5V, VCONTROL = 5V, VSET = 0V,
VOUT = –0.1V
0.9
1
0.9
2, 3
A
Error Amplifier RMS Output Noise
(Note 7)
ILOAD = 0.9A, 10Hz ≤ f ≤100kHz, COUT = 10µF,
CSET = 0.1µF
TYP = 40
1
µVRMS
Reference Current RMS Output Noise
(Note 7)
10Hz ≤ f ≤100kHz
TYP = 1
1
nARMS
PARAMETER
CONDITIONS
MIN
MAX
UNITS
SET Pin Current (Note 6)
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
9.9
10.1
µA
Output Offset Voltage (VOUT – VSET)
VIN = 1V, VCONTROL = 2V, ILOAD = 1mA
–5
5
mV
Load Regulation, ISET
ILOAD = 1mA to 100mA
–15
15
nA
Load Regulation, VOS
ILOAD = 1mA to 100mA
–1.0
1.0
mV
Line Regulation, ISET
VIN = 1V to 26V, VCONTROL = 2V to 26V, ILOAD = 1mA
–0.45
0.45
nA/V
Line Regulation, VOS
VIN = 1V to 26V, VCONTROL = 2V to 26V, ILOAD = 1mA
–0.05
0.05
mV/V
Minimum Load Current (Note 3)
VIN = 10V, VCONTROL = 10V
VIN = 26V, VCONTROL = 26V
0.4
0.9
mA
mA
VCONTROL Dropout Voltage (Note 4)
VIN = 1V, ILOAD = 0.1A
1.4
V
VIN Dropout Voltage (Note 4)
VCONTROL = 2V, ILOAD = 0.1A
0.17
V
VCONTROL Pin Current (Note 5)
VIN = 1V, VCONTROL = 2V, ILOAD = 0.1A
5.3
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com