Electronic Components Datasheet Search
  English  ▼

X  

AN3008 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3008
Description  This application note describes how to use the STOD2540 DC-DC converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3008 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3008 Datasheet HTML 1Page - STMicroelectronics AN3008 Datasheet HTML 2Page - STMicroelectronics AN3008 Datasheet HTML 3Page - STMicroelectronics AN3008 Datasheet HTML 4Page - STMicroelectronics AN3008 Datasheet HTML 5Page - STMicroelectronics AN3008 Datasheet HTML 6Page - STMicroelectronics AN3008 Datasheet HTML 7Page - STMicroelectronics AN3008 Datasheet HTML 8Page - STMicroelectronics AN3008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2010
Doc ID 16021 Rev 2
1/14
AN3008
Application note
STOD2540, single inductor DC-DC converter
generates multiple supply voltages for E-paper display
Introduction
This application note describes how to use the STOD2540 DC-DC converter to generate
two output voltages using a single inductor and an external charge pump. The circuit shown
in Figure 1 generates a 70 V output from a 3.7 V input voltage.
The STOD2540 is a highly integrated boost converter that can provide an adjustable output
up to 35 V from a 3.0 to 5.5 V input voltage.
The STOD2540 operates in PFM (pulsed frequency modulation) mode. PFM control simply
means that the part only switches when the charge needs to be delivered to the output in
order to keep the output voltage regulated.
The converter is ideal for generating the necessary voltages to supply thin-film transistor
(TFT) LCDs, OLEDs and E-paper shelf labels. The low operating supply current makes the
device ideal for small, portable, battery supplied applications. In shutdown mode the load is
disconnected from the input and the quiescent current is less than 3 µA.
Figure 1.
High voltage power supply based on STOD2540
CIN: 4.7
μF
COUT: 2 x 1
μF 100 V
C1: 100 nF 50 V
C2: 4.7
μF 50 V
L1: 4.7
μH
D1, D2, D3: STPS2L40AF
R3
550k
COUT
CIN
C1
C2
D3
D2
R4
10k
L1
D1
U1
STOD2540
VIN
1
RSET
2
AGND
3
FB
4
Vo
5
Vcap
6
ENABLE
7
SW
8
PGND
9
CIN: 4.7
μF
COUT: 2 x 1
μF 100 V
C1: 100 nF 50 V
C2: 4.7
μF 50 V
L1: 4.7
μH
D1, D2, D3: STPS2L40AF
R3
550k
COUT
CIN
C1
C2
D3
D2
R4
10k
L1
D1
U1
STOD2540
VIN
1
RSET
2
AGND
3
FB
4
Vo
5
Vcap
6
ENABLE
7
SW
8
PGND
9
www.st.com


Similar Part No. - AN3008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN3008 MA-COM-AN3008 Datasheet
61Kb / 2P
Using the DR65-0109 to Drive SPDT PIN Switches
More results

Similar Description - AN3008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2512 STMICROELECTRONICS-AN2512 Datasheet
668Kb / 38P
This application note describes how to design
17-Apr-2007
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN1051 STMICROELECTRONICS-AN1051 Datasheet
174Kb / 9P
This application note explains how to use the VIPER20
Feb-1999
AN1633 STMICROELECTRONICS-AN1633 Datasheet
68Kb / 9P
This application note describes how to implement
AN2682 STMICROELECTRONICS-AN2682 Datasheet
164Kb / 15P
This application note describes how to interface
08-Jan-2008
AN3117 STMICROELECTRONICS-AN3117 Datasheet
421Kb / 28P
This application note describes how to use the direct memory access
21-Nov-2012
AN4570 STMICROELECTRONICS-AN4570 Datasheet
574Kb / 46P
This application note describes how to use the high-density
28-Jan-2015
AN4640 STMICROELECTRONICS-AN4640 Datasheet
397Kb / 19P
This application note describes how peripherals
19-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com