Electronic Components Datasheet Search
  English  ▼

X  

AN3008 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3008
Description  This application note describes how to use the STOD2540 DC-DC converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3008 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3008 Datasheet HTML 1Page - STMicroelectronics AN3008 Datasheet HTML 2Page - STMicroelectronics AN3008 Datasheet HTML 3Page - STMicroelectronics AN3008 Datasheet HTML 4Page - STMicroelectronics AN3008 Datasheet HTML 5Page - STMicroelectronics AN3008 Datasheet HTML 6Page - STMicroelectronics AN3008 Datasheet HTML 7Page - STMicroelectronics AN3008 Datasheet HTML 8Page - STMicroelectronics AN3008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN3008
High voltage power supply based on STOD2540
Doc ID 16021 Rev 2
5/14
The output ripple can be approximately given by the following equation.
Equation 6
The magnitude of the ripple will typically be linearly proportional to the output capacitance
present. For the best output voltage filtering, a low ESR output capacitor is recommended.
1.6
Diode selection
The output diode in a boost converter conducts current only when the power switch is off.
The average current is equal to the output current and the maximum current is equal to the
peak inductor current.
To maximize efficiency, we recommend using a Schottky diode characterized by:
1.
a small forward voltage drop.
2.
a rated current larger than the peak inductor current.
3.
a reverse voltage larger than the output voltage.
4.
a small reverse leakage current.
1.7
Single inductor circuit based on STOD2540 derives 35 V/70 V
The circuit shown in Figure 2 is capable of deriving +35 / +70 V from a [3; 5.5] input voltage
range. The STOD2540 DC-DC converter generates the 35 V output voltage. The addition of
an external charge pump consisting of two Schottky diodes (D2 and D3) and two capacitors
(C1 and C2) allows delivering output voltages of over 70 V.
In steady-state operation, the voltage on C2 is 35 V and the voltage on COUT is 70 V. During
the ON time the main switch is closed and the current flows from the input to ground through
L1 and the internal switch. During this time, the voltage at node SW is 0 V and C1 is charged
up to 35 V. In these conditions, D1 is reverse-biased, D2 is forward-biased, D3 is reverse-
biased and the load current is supplied only by the output capacitor COUT.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
×
−
×
=
Δ
IN
D
OUT
PK
SW
OUT
OUT
OUT
V
V
V
L
I
F
1
C
I
V
Figure 2.
External charge pump - TON state
70 V
COUT
CIN
C1
C2
D3
D2
L1
D1
35 V
SW = 0 V
+
35 V
+
70 V
COUT
CIN
C1
C2
D3
D2
L1
D1
35 V
SW = 0 V
+
35 V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com