Electronic Components Datasheet Search
  English  ▼

X  

AN3009 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3009
Description  How to design a transition mode PFC pre-regulator using the L6564
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3009 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3009 Datasheet HTML 18Page - STMicroelectronics AN3009 Datasheet HTML 19Page - STMicroelectronics AN3009 Datasheet HTML 20Page - STMicroelectronics AN3009 Datasheet HTML 21Page - STMicroelectronics AN3009 Datasheet HTML 22Page - STMicroelectronics AN3009 Datasheet HTML 23Page - STMicroelectronics AN3009 Datasheet HTML 24Page - STMicroelectronics AN3009 Datasheet HTML 25Page - STMicroelectronics AN3009 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Designing a transition mode PFC
AN3009
22/36
Doc ID 16032 Rev 4
Thus, the activity of the gate driver is immediately stopped, the device is shut down, its
quiescent consumption is reduced to less than 180 µA and the condition is latched for as
long as the supply voltage of the IC remains above the UVLO threshold. To restart the
system, it is necessary to recycle the input power so that the VCC voltage of the L6564 goes
below 6 V and that one of the PWM controllers goes below its UVLO threshold. Note that
this function offers a complete protection against not only feedback loop failures or
erroneous settings, but also a failure of the protection itself. If either one of the PFC_OK
dividers fails to short or open, or a PFC_OK pin is floating, the IC is shut down and the pre-
regulator stopped. Moreover, the PFC_OK pin doubles its function as a not-latched IC
disable: a voltage below 0.23 V shuts down the IC, reducing its consumption below 2 mA. To
restart the IC, simply let the voltage at the pin go above 0.27 V.
Pin 2 (COMP): this pin is the output of the E/A that is fed into one of the two inputs of the
multiplier. A feedback compensation network is placed between this pin and INV (pin #1). It
has to be designed with a narrow bandwidth to prevent the system from rejecting the output
voltage ripple (100 Hz) that would result in a high distortion of the input current waveform.
A simple way of defining the capacitance value is to set the bandwidth (BW) from 20 to 30
Hz. The compensation network can be a simple capacitor, providing a low-frequency pole as
well as a high DC gain. A more complex network, typically a type-II CRC network providing
two poles and a zero, is more suitable for constant power loads like a downstream converter.
If a single capacitor is used it can be dimensioned using the following formulas.
Equation 42
Equation 43
For a more complex compensation network calculation refer to [
2] and [3] in
Chapter 6: References.
For this 100 W TM PFC, a CRC network providing two poles and a zero has been
implemented with the following values.
The relevant open-loop transfer function and its phase function are reported in
Figure 9 and
Figure 10.
(14)
()
on
Compensati
outL
outH
C
R
//
R
2
1
BW
⋅
⋅
π
=
() BW
R
//
R
2
1
C
outL
outH
on
Compensati
⋅
⋅
π
=
nF
68
C
compP =
nF
680
C
compS =
Ω
=
k
82
R
compS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com